Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

112 Datasheet(PDF) 2 Page - Copyright Pickering Electronics Ltd

Part # 112
Description  Single-in-Line SIL/SIP Reed Relays
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICKERING [Copyright Pickering Electronics Ltd]
Direct Link  https://www.pickeringrelay.com/
Logo PICKERING - Copyright Pickering Electronics Ltd

112 Datasheet(HTML) 2 Page - Copyright Pickering Electronics Ltd

  112 Datasheet HTML 1Page - Copyright Pickering Electronics Ltd 112 Datasheet HTML 2Page - Copyright Pickering Electronics Ltd 112 Datasheet HTML 3Page - Copyright Pickering Electronics Ltd 112 Datasheet HTML 4Page - Copyright Pickering Electronics Ltd 112 Datasheet HTML 5Page - Copyright Pickering Electronics Ltd 112 Datasheet HTML 6Page - Copyright Pickering Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
Single-in-Line SIL/SIP Reed Relays – Series 112
pickering
relay.com
Specification
Switch Ratings - Dry Switches
1 Form A (energize to make)
20 W at 200 V
15 W at 200 V
10 W at 200 V
Series 112 switch ratings - contact ratings for each switch type
Switch
No
Switch
form
Power rating
Max.
switch
current
Max.
carry
current
Max.
switching
volts
Life
expectancy
ops typical
(see Note1)
Operate
time inc
bounce
(max)
Release
time
Special
features
1
A
20 W (*15 W
for 3 V coils)
1 A
1 A
200
108
0.5 ms
0.2 ms
General purpose
2
A
10 W
0.5 A
0.5 A
200
108
0.5 ms
0.2 ms
Low level
Note1: Life Expectancy
The life of a reed relay depends upon the switch load and end of life criteria. For example, for an ‘end of life’ contact
resistance specification of 1Ω, switching low loads (10 V at 10 mA resistive) or when ‘cold’ switching, typical life is approx
1 x 109 ops. At the maximum load (resistive), typical life is 1 x 106 ops. In the event of abusive conditions, e.g. high currents
due to capacitive inrushes, this figure reduces considerably. Pickering will be pleased to perform life testing with any
particular load condition.
Operating Temperature Range
-20 ºC to +85 ºC
Storage Temperature Range
-35 ºC to +100 ºC
Shock Resistance
50 g
Vibration Resistance (10 - 2000 Hz)
20 g
Soldering Temperature (max) (10 s max)
270 ºC
Washability (Proper drying process is recommended)
Fully Sealed
Environmental Specification/Mechanical Characteristics
In the table below, the upper temperature limit can be extended to +125 °C if the coil drive voltage is increased to
accommodate the resistance/temperature coefficient of the copper coil winding. This is approximately 0.4% per °C. This
means that at 125 °C the coil drive voltage will need to be increased by approximately 40 x 0.4 =16% to maintain the
required magnetic drive level. Please contact sales@pickeringrelay.com for assistance.
Operating Voltages
Coil voltage - nominal
Must operate voltage - maximum at 25 °C
Must release voltage - minimum at 25 °C
3 V
2.25 V
0.3 V
5 V
3.75 V
0.5 V
12 V
9 V
1.2 V
Switch no.2 is particularly good for switching low currents and/or voltages. It is the ideal switch for A.T.E. systems where
cold switching techniques are often used. Where higher power levels are involved, switch no.1 is more suitable.
Washing Guidelines
Pickering do not make any specific recommendations on washing reed relays, due to the large number of factors in cleaning
processes, however we do have suggestions on best practices. Click here for more information.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com