Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

112 Datasheet(PDF) 1 Page - Copyright Pickering Electronics Ltd

Part # 112
Description  Single-in-Line SIL/SIP Reed Relays
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICKERING [Copyright Pickering Electronics Ltd]
Direct Link  https://www.pickeringrelay.com/
Logo PICKERING - Copyright Pickering Electronics Ltd

112 Datasheet(HTML) 1 Page - Copyright Pickering Electronics Ltd

  112 Datasheet HTML 1Page - Copyright Pickering Electronics Ltd 112 Datasheet HTML 2Page - Copyright Pickering Electronics Ltd 112 Datasheet HTML 3Page - Copyright Pickering Electronics Ltd 112 Datasheet HTML 4Page - Copyright Pickering Electronics Ltd 112 Datasheet HTML 5Page - Copyright Pickering Electronics Ltd 112 Datasheet HTML 6Page - Copyright Pickering Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
(see last page)
Single-in-Line SIL/SIP Reed Relays
Series 112
pickering
relay.com
—
Switching up to
20 W, 1A
—
1 Form A stacks on 0.15 x 0.40 inches pitch
—
Highest quality, sputtered ruthenium instrumentation
grade reed switches
—
Ideal for high density card based systems and automatic
test equipment
—
Plastic package with internal mu-metal magnetic screen
—
They take up the minimum of board area, conserving
board space
—
Insulation resistance
>1012Ω
—
3, 5 or 12 V coils with or without internal diode
—
Additional build options are available
—
Many benefits compared to industry standard relays
Suitable for high density card based systems such as VME, VXI, Compact PCI, and PXI. The high quality, sputtered
ruthenium switch contacts also makes them ideal for Automatic Test Equipment. The 5 V coil version has a resistance of
500 Ω and may be driven directly from TTL logic.
The Series 112 is encapsulated in a plastic package using a very high resistivity resin to achieve an insulation resistance
greater than 1012 Ω.
The relay has an internal mu-metal screen which totally eliminates the risk of magnetic interaction problems. An
unscreened device mounted on this pitch would have an interaction figure of around 40%. Relays of this size without
magnetic screening would therefore be totally unsuitable for applications where dense packing is required. Pickering
Series 112 have a typical interaction figure of 5%.
Magnetic Interaction
Unscreened
100
100HV
100HC
30%
10%
101
20%
Pickering
relays
106
107
0.4
0.3
0.2
0.1
Relay Package Width (Inches)
108
109
111
Percentage
Interaction
(Change in
operate voltage)
Other Unscreened
relays
109P
110
111P
112
113
105
Internal
mu-metal
screen
Complete
mu-metal
can
Key:
0.145”
0.19”
0.245”
0.26”
0.29”
0.40”
104
114
144
117 115
116
119
40%
50%
Other Manufacturers’
Unscreened relays
Other Manufacturers’
Partially screened relays
Partially
screened
Magnetic Interaction
Package Width (Inches)
0.145”
0.19”
0.245”
0.26”
0.29”
0.40”
For more information on magnetic interaction please visit: pickeringrelay.com/magnetic-interaction
1
Package Type


Similar Part No. - 112

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
112 CTS-112 Datasheet
63Kb / 3P
22x25mm Stratum 3 OCXO
logo
Honeywell Solid State E...
112 HONEYWELL-112 Datasheet
736Kb / 11P
Temperature Sensors Line Guide
logo
Aries Electronics, Inc.
112 ARIES-112 Datasheet
782Kb / 2P
Easy Identification and Tracing with 10-color Cable
logo
Alpha Wire
112 ALPHAWIRE-112 Datasheet
100Kb / 4P
Customer Specification
8/26/2022
112 ALPHAWIRE-112 Datasheet
99Kb / 4P
Customer Specification
11/30/2022
More results

Similar Description - 112

ManufacturerPart #DatasheetDescription
logo
Meder Electronic
SIL05-1A31-71L MEDER-SIL05-1A31-71L Datasheet
92Kb / 1P
SIL Reed Relays
SIL05-1A31-71D MEDER-SIL05-1A31-71D Datasheet
92Kb / 1P
SIL Reed Relays
SIL05-1A31-71M MEDER-SIL05-1A31-71M Datasheet
92Kb / 1P
SIL Reed Relays
SIL05-1A31-71Q MEDER-SIL05-1A31-71Q Datasheet
92Kb / 1P
SIL Reed Relays
SIL12-1A31-71L MEDER-SIL12-1A31-71L Datasheet
92Kb / 1P
SIL Reed Relays
SIL12-1A31-71D MEDER-SIL12-1A31-71D Datasheet
92Kb / 1P
SIL Reed Relays
SIL12-1A31-71M MEDER-SIL12-1A31-71M Datasheet
92Kb / 1P
SIL Reed Relays
SIL12-1A75-71L MEDER-SIL12-1A75-71L Datasheet
91Kb / 1P
SIL Reed Relays
SIL15-1A75-71Q MEDER-SIL15-1A75-71Q Datasheet
92Kb / 1P
SIL Reed Relays
SIL24-1A75-71Q MEDER-SIL24-1A75-71Q Datasheet
92Kb / 1P
SIL Reed Relays
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com