Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

112 Datasheet(PDF) 4 Page - Copyright Pickering Electronics Ltd

Part # 112
Description  Single-in-Line SIL/SIP Reed Relays
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICKERING [Copyright Pickering Electronics Ltd]
Direct Link  https://www.pickeringrelay.com/
Logo PICKERING - Copyright Pickering Electronics Ltd

112 Datasheet(HTML) 4 Page - Copyright Pickering Electronics Ltd

  112 Datasheet HTML 1Page - Copyright Pickering Electronics Ltd 112 Datasheet HTML 2Page - Copyright Pickering Electronics Ltd 112 Datasheet HTML 3Page - Copyright Pickering Electronics Ltd 112 Datasheet HTML 4Page - Copyright Pickering Electronics Ltd 112 Datasheet HTML 5Page - Copyright Pickering Electronics Ltd 112 Datasheet HTML 6Page - Copyright Pickering Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
Single-in-Line SIL/SIP Reed Relays – Series 112
pickering
relay.com
Specification
If the Series 112 is unsuitable for your application, Pickering also manufactures three other series of reed relays with
similar characteristics, but in different package sizes.
Similar Relays Comparison
Reed Relay Selection Tool
Because Pickering offer the largest range of high-quality reed relays, sometimes it can be difficult to find the right reed relay
you require. That is why we created the Reed Relay Selector, this tool will help you narrow down our offering to get you the
correct reed relay for your application. To try the tool today go to: pickeringrelay.com/reed-relay-selector-tool
Series Name
111P-1-A
112-1-A
116-1-A
116-2-A
110-1-A
Physical Outline
Depth
mm
(inches)
3.7 (0.145)
3.7 (0.145)
3.7 (0.145)
3.7 (0.145)
3.7 (0.145)
Width
10.0 (0.39)
10.0 (0.39)
6.60 (0.26)
9.90 (0.39)
10.0 (0.39)
Height
6.6 (0.26)
11.0 (0.43)
12.45 (0.49)
12.45 (0.49)
15.0 (0.60)
Package Volume
(
mm3)
245
407
304
456
555
Typical Weights (
g)
0.44
0.64
0.53
0.76
1.08
Contact
Configuration
1-A
(SPST)
1-A
(SPST)
1-A
(SPST)
2-A
(DPST)
1-A
(SPST)
Reed Switch Type
Dry
Dry
Dry
Dry
Dry
Dry
Switching Voltage
(
V)
170
200
200
200
200
200
200
200
200
Switching Current
(
A)
0.5
1.0
0.5
1.0
0.5
1.0
0.5
1.0
0.5
Carry Current
(
A)
0.5
1.0
0.5
1.0
0.5
1.0
0.5
1.2
1.2
Switch Power
(
W)
10
20 (15)
10
20 (15)
10
20 (15)
10
20
10
1



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com