Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8563BS/4 Datasheet(PDF) 25 Page - NXP Semiconductors

Part # PCF8563BS/4
Description  Real-time clock/calendar
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8563BS/4 Datasheet(HTML) 25 Page - NXP Semiconductors

Back Button PCF8563BS/4 Datasheet HTML 21Page - NXP Semiconductors PCF8563BS/4 Datasheet HTML 22Page - NXP Semiconductors PCF8563BS/4 Datasheet HTML 23Page - NXP Semiconductors PCF8563BS/4 Datasheet HTML 24Page - NXP Semiconductors PCF8563BS/4 Datasheet HTML 25Page - NXP Semiconductors PCF8563BS/4 Datasheet HTML 26Page - NXP Semiconductors PCF8563BS/4 Datasheet HTML 27Page - NXP Semiconductors PCF8563BS/4 Datasheet HTML 28Page - NXP Semiconductors PCF8563BS/4 Datasheet HTML 29Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 45 page
background image
PCF8563
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Product data sheet
Rev. 11 — 26 October 2015
25 of 45
NXP Semiconductors
PCF8563
Real-time clock/calendar
9.6 Interface watchdog timer
During read/write operations, the time counting circuits are frozen. To prevent a situation
where the accessing device becomes locked and does not clear the interface, the
PCF8563 has a built in watchdog timer. Should the interface be active for more than 1 s
from the time a valid slave address is transmitted, then the PCF8563 will automatically
clear the interface and allow the time counting circuits to continue counting. The watchdog
will trigger between 1 s and 2 s after receiving a valid slave address. Each time the
watchdog period is exceeded, 1 s will be lost from the time counters.
The watchdog is implemented to prevent the excessive loss of time due to interface
access failure e.g. if main power is removed from a battery backed-up system during an
interface access.
a. Correct data transfer: read or write
b. Incorrect data transfer; read or write
Fig 21. Interface watchdog timer
013aaa420
SLAVE ADDRESS
running
time
counters
WD timer
data
WD timer tracking
time counters frozen
running
DATA
t < 1 s
DATA
STOP
START
013aaa421
SLAVE ADDRESS
running
time
counters
WD timer
data
WD timer tracking
time counters frozen
running
DATA
1 s < t < 2 s
DATA
START
data transfer fail
WD trips



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com