Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8563BS/4 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PCF8563BS/4
Description  Real-time clock/calendar
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8563BS/4 Datasheet(HTML) 3 Page - NXP Semiconductors

  PCF8563BS/4 Datasheet HTML 1Page - NXP Semiconductors PCF8563BS/4 Datasheet HTML 2Page - NXP Semiconductors PCF8563BS/4 Datasheet HTML 3Page - NXP Semiconductors PCF8563BS/4 Datasheet HTML 4Page - NXP Semiconductors PCF8563BS/4 Datasheet HTML 5Page - NXP Semiconductors PCF8563BS/4 Datasheet HTML 6Page - NXP Semiconductors PCF8563BS/4 Datasheet HTML 7Page - NXP Semiconductors PCF8563BS/4 Datasheet HTML 8Page - NXP Semiconductors PCF8563BS/4 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 45 page
background image
PCF8563
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Product data sheet
Rev. 11 — 26 October 2015
3 of 45
NXP Semiconductors
PCF8563
Real-time clock/calendar
6.
Block diagram
(1) COSCO; values see Table 30.
Fig 1.
Block diagram of PCF8563
001aah658
PCF8563
OSCILLATOR
32.768 kHz
DIVIDER
CLOCK OUT
INTERRUPT
CLKOUT
INT
MONITOR
POWER ON
RESET
WATCH
DOG
I2C-BUS
INTERFACE
OSCI
SCL
SDA
OSCO
VDD
VSS
TIMER FUNCTION
TIMER_CONTROL
0E
TIMER
0F
CONTROL
CONTROL_STATUS_1
00
CONTROL_STATUS_2
01
CLKOUT_CONTROL
0D
TIME
VL_SECONDS
02
MINUTES
03
HOURS
04
DAYS
05
ALARM FUNCTION
MINUTE_ALARM
09
HOUR_ALARM
0A
DAY_ALARM
0B
WEEKDAY_ALARM
0C
WEEKDAYS
06
CENTURY_MONTHS
07
YEARS
08
(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com