Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8563BS/4 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PCF8563BS/4
Description  Real-time clock/calendar
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8563BS/4 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button PCF8563BS/4 Datasheet HTML 2Page - NXP Semiconductors PCF8563BS/4 Datasheet HTML 3Page - NXP Semiconductors PCF8563BS/4 Datasheet HTML 4Page - NXP Semiconductors PCF8563BS/4 Datasheet HTML 5Page - NXP Semiconductors PCF8563BS/4 Datasheet HTML 6Page - NXP Semiconductors PCF8563BS/4 Datasheet HTML 7Page - NXP Semiconductors PCF8563BS/4 Datasheet HTML 8Page - NXP Semiconductors PCF8563BS/4 Datasheet HTML 9Page - NXP Semiconductors PCF8563BS/4 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 45 page
background image
PCF8563
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Product data sheet
Rev. 11 — 26 October 2015
6 of 45
NXP Semiconductors
PCF8563
Real-time clock/calendar
8.
Functional description
The PCF8563 contains sixteen 8-bit registers with an auto-incrementing register address,
an on-chip 32.768 kHz oscillator with one integrated capacitor, a frequency divider which
provides the source clock for the Real-Time Clock (RTC) and calender, a programmable
clock output, a timer, an alarm, a voltage-low detector, and a 400 kHz I2C-bus interface.
All 16 registers are designed as addressable 8-bit parallel registers although not all bits
are implemented. The first two registers (memory address 00h and 01h) are used as
control and/or status registers. The memory addresses 02h through 08h are used as
counters for the clock function (seconds up to years counters). Address locations 09h
through 0Ch contain alarm registers which define the conditions for an alarm.
Address 0Dh controls the CLKOUT output frequency. 0Eh and 0Fh are the Timer_control
and Timer registers, respectively.
The Seconds, Minutes, Hours, Days, Months, Years as well as the Minute_alarm,
Hour_alarm, and Day_alarm registers are all coded in Binary Coded Decimal (BCD)
format.
When one of the RTC registers is written or read, the contents of all time counters are
frozen. Therefore, faulty writing or reading of the clock and calendar during a carry
condition is prevented.
8.1 CLKOUT output
A programmable square wave is available at the CLKOUT pin. Operation is controlled by
the register CLKOUT_control at address 0Dh. Frequencies of 32.768 kHz (default),
1.024 kHz, 32 Hz, and 1 Hz can be generated for use as a system clock, microcontroller
clock, input to a charge pump, or for calibration of the oscillator. CLKOUT is an open-drain
output and enabled at power-on. If disabled it becomes high-impedance.
8.2 Register organization
Table 4.
Formatted registers overview
Bit positions labelled as x are not relevant. Bit positions labelled with N should always be written with logic 0; if read they
could be either logic 0 or logic 1. After reset, all registers are set according to Table 27.
Address
Register name
Bit
7
6
5
4
3
2
1
0
Control and status registers
00h
Control_status_1
TEST1
N
STOP
N
TESTC
N
N
N
01h
Control_status_2
N
N
N
TI_TP
AF
TF
AIE
TIE
Time and date registers
02h
VL_seconds
VL
SECONDS (0 to 59)
03h
Minutes
x
MINUTES (0 to 59)
04h
Hours
x
x
HOURS (0 to 23)
05h
Days
x
x
DAYS (1 to 31)
06h
Weekdays
x
xxxxWEEKDAYS (0 to 6)
07h
Century_months
C
x
x
MONTHS (1 to 12)
08h
Years
YEARS (0 to 99)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com