Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3556TMX/NOPB Datasheet(PDF) 13 Page - Texas Instruments

Part # LM3556TMX/NOPB
Description  LM3556 1.5-A Synchronous Boost LED Flash Driver With High-Side Current Source
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3556TMX/NOPB Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM3556TMX/NOPB Datasheet HTML 9Page - Texas Instruments LM3556TMX/NOPB Datasheet HTML 10Page - Texas Instruments LM3556TMX/NOPB Datasheet HTML 11Page - Texas Instruments LM3556TMX/NOPB Datasheet HTML 12Page - Texas Instruments LM3556TMX/NOPB Datasheet HTML 13Page - Texas Instruments LM3556TMX/NOPB Datasheet HTML 14Page - Texas Instruments LM3556TMX/NOPB Datasheet HTML 15Page - Texas Instruments LM3556TMX/NOPB Datasheet HTML 16Page - Texas Instruments LM3556TMX/NOPB Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 38 page
background image
VOVP
PWM
Control
Thermal
Shutdown
+150°C
IN
VREF
I
2
C
Interface
Error
Amplifier
Slope
Compensation
SDA
SCL
Control
Logic/
Registers
GND
OUT
LED
TEMP
TX
STROBE
TORCH
ENABLE
SW
65 m:
85 m:
Over Voltage
Comparator
NTC VTRIP
INTC
ILED
Soft-Start
4 MHz
Oscillator
UVLO
Input Voltage
Flash Monitor
OUT-VHR
Current Sense/
Current Limit
LM3556
www.ti.com
SNVS796D – AUGUST 2011 – REVISED OCTOBER 2015
7.2 Functional Block Diagram
7.3 Feature Description
7.3.1 Power-Amplifier Synchronization (TX)
The TX pin is a power-amplifier synchronization input. It is designed to reduce the flash LED current and thus
limit the battery current during high battery-current conditions such as PA transmit events. When the LM3556 is
engaged in a flash event, and the TX pin is pulled high, the LED current is forced into Torch Mode at the
programmed torch current setting or shutdown. If the TX pin is then pulled low before the flash pulse terminates,
the LED current returns to the previous flash current level. At the end of the flash time-out, whether the TX pin is
high or low, the LED current turns off. The polarity of the TX input can be changed from active high to active low
through the Configuration Register (0x07) and can be disabled/enabled by setting the TX Enable bit in the
Enable Register (0x0A) to a '0'.
7.3.2 Input Voltage Flash Monitor (IVFM)
The LM3556 device can adjust the flash current based upon the voltage level present at the IN pin using an input
voltage flash monitor. Two adjustable thresholds (IVM-D and IVM-U) ranging from 2.9 V to 3.6 V in 100-mV
steps, and four different usage modes (Report Mode, Stop and Hold Mode, Adjust Down Only Mode, Adjust Up
and Down Mode), are provided. The Flags Register has the fault flag set when the input voltage crosses the
IVM-D value. In Report Mode, apart from the fault flag triggering, no action is taken on the LED current.
Copyright © 2011–2015, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LM3556



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com