Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3556TMX/NOPB Datasheet(PDF) 24 Page - Texas Instruments

Part # LM3556TMX/NOPB
Description  LM3556 1.5-A Synchronous Boost LED Flash Driver With High-Side Current Source
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3556TMX/NOPB Datasheet(HTML) 24 Page - Texas Instruments

Back Button LM3556TMX/NOPB Datasheet HTML 20Page - Texas Instruments LM3556TMX/NOPB Datasheet HTML 21Page - Texas Instruments LM3556TMX/NOPB Datasheet HTML 22Page - Texas Instruments LM3556TMX/NOPB Datasheet HTML 23Page - Texas Instruments LM3556TMX/NOPB Datasheet HTML 24Page - Texas Instruments LM3556TMX/NOPB Datasheet HTML 25Page - Texas Instruments LM3556TMX/NOPB Datasheet HTML 26Page - Texas Instruments LM3556TMX/NOPB Datasheet HTML 27Page - Texas Instruments LM3556TMX/NOPB Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 38 page
background image
LM3556
SNVS796D – AUGUST 2011 – REVISED OCTOBER 2015
www.ti.com
7.6.1.9 Flash Features Register (0x08)
Table 10. Flash Features Register Description
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Inductor Current Limit
Flash Ramp Time
Flash Time-Out Time
00 =1.7 A
000 = 256 µs
000 = 100 ms
01 = 1.9 A
001 = 512 µs
001 = 200 ms
10 = 2.5 A
010 = 1.024 ms (default)
010 = 300 ms (default)
11 = 3.1 A (default)
011 = 2.048 ms
011 = 400 ms
100 = 4.096 ms
100 = 500 ms
101 = 8.192 ms
101 = 600 ms
110 = 16.384 ms
110 = 700 ms
111 = 32.768 ms
111 = 800 ms
7.6.1.10 Current Control Register (0x09)
Table 11. Current Control Register Description
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
RFU
Torch Current
Flash Current
000 = 46.88 mA (default)
0000 = 93.75 mA
001 =93.75 mA
0001 = 187.5 mA
010 =140.63 mA
0010 = 281.25 mA
011 = 187.5 mA
0011 = 375 mA
100 =234.38 mA
0100 = 468.75 mA
101 = 281.25 mA
0101 = 562.5mA
110 = 328.13 mA
0110 = 656.25 mA
111 =375 mA
0111 = 750 mA
1000 = 843.75 mA
1001 = 937.5 mA
1010 = 1031.25 mA
1011 = 1125 mA
1100 = 1218.75 mA
1101 = 1312.5 mA
1110 = 1406.25 mA
1111 = 1500 mA (default)
7.6.1.11 Enable Register (0x0A)
Table 12. Enable Register Description
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
TX Pin Enable
STROBE Pin
TORCH Pin
PreCharge Mode
Pass-Mode
Mode Bits: M1, M0
NTC Enable
0 = Disabled
Enable
Enable
Enable
Only Enable
00 = Standby (default)
0 = Disabled
(default)
0 = Disabled
0 = Disabled
0 = Normal
0 = Normal
01 = Indicator
(default)
1 = Enabled
(default)
(default)
(default)
(default)
10 = Torch
1 = Enabled
1 = Enabled
1 = Enabled
1 = PreCharge
1 = Pass Only
11 = Flash
NTC EN
Enables NTC block.
TX EN
Allows TX events to change the current.
Strobe EN
Enables STROBE pin to start a flash event.
Torch EN
Enables TORCH pin to start a torch event.
PreCharge Mode EN Enables Pass Mode to pre-charge the output cap.
Pass-Only Mode EN Only allows Pass Mode and disallows Boost Mode.
If Pass-Only Mode is enabled during any LED mode (Indicator, Torch or Flash), it remains enabled
until the LM3556 enters the standby state regardless of whether the Pass-Only Mode bit is reset or
not during the following command.
24
Submit Documentation Feedback
Copyright © 2011–2015, Texas Instruments Incorporated
Product Folder Links: LM3556



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com