Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3556TMX/NOPB Datasheet(PDF) 8 Page - Texas Instruments

Part # LM3556TMX/NOPB
Description  LM3556 1.5-A Synchronous Boost LED Flash Driver With High-Side Current Source
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3556TMX/NOPB Datasheet(HTML) 8 Page - Texas Instruments

Back Button LM3556TMX/NOPB Datasheet HTML 4Page - Texas Instruments LM3556TMX/NOPB Datasheet HTML 5Page - Texas Instruments LM3556TMX/NOPB Datasheet HTML 6Page - Texas Instruments LM3556TMX/NOPB Datasheet HTML 7Page - Texas Instruments LM3556TMX/NOPB Datasheet HTML 8Page - Texas Instruments LM3556TMX/NOPB Datasheet HTML 9Page - Texas Instruments LM3556TMX/NOPB Datasheet HTML 10Page - Texas Instruments LM3556TMX/NOPB Datasheet HTML 11Page - Texas Instruments LM3556TMX/NOPB Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 38 page
background image
2.6 2.8 3.0 3.2 3.4 3.6 3.8 4.0 4.2
1.95
2.00
2.05
2.10
2.15
2.20
2.25
2.30
VIN (V)
25°C
- 40°C
85°C
2.6 2.8 3.0 3.2 3.4 3.6 3.8 4.0 4.2 4.4
2.4
2.5
2.6
2.7
2.8
2.9
3.0
3.1
VIN (V)
25°C
- 40°C
85°C
2.7
3.0
3.3
3.6
3.9
4.2
4.5
3.980
3.997
4.015
4.031
4.048
4.066
4.082
4.099
4.116
4.133
4.150
VIN (V)
25°C
85°C
- 40°C
2.6 2.8 3.0 3.2 3.4 3.6 3.8 4.0 4.2
1.64
1.68
1.72
1.76
1.80
1.84
1.88
1.92
VIN (V)
25°C
- 40°C
85°C
VIN (V)
1.000
0.1
0.01
0.001
2.7
3.1
3.5
3.9
4.3
4.7
5.1
85°C
25°C
-40°C
2.7
3.1
3.5
3.9
4.3
4.7
5.1
5.5
5.10
5.12
5.14
5.16
5.18
5.20
5.22
5.24
VIN (V)
25°C
85°C
- 40°C
LM3556
SNVS796D – AUGUST 2011 – REVISED OCTOBER 2015
www.ti.com
Typical Characteristics (continued)
EN = 0 V
Figure 9. Variation of OVP With VIN
Figure 8. IQ Shutdown vs VIN
Current Limit = 1.7 A
Figure 10. Frequency With VIN and Over Temperature
Figure 11. Input Current Limit Over Temperature and VIN
Current Limit = 1.9 A
Current Limit = 2.5 A
Figure 12. Input Current Limit Over Temperature and VIN
Figure 13. Input Current Limit Over Temperature and VIN
8
Submit Documentation Feedback
Copyright © 2011–2015, Texas Instruments Incorporated
Product Folder Links: LM3556



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com