Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM48557TL/NOPB Datasheet(PDF) 14 Page - Texas Instruments

Part # LM48557TL/NOPB
Description  LM48557 Boomer™ Mono, Bridge-Tied Load, Ceramic Speaker Driver with I2C Volume Control and Reset
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM48557TL/NOPB Datasheet(HTML) 14 Page - Texas Instruments

Back Button LM48557TL/NOPB Datasheet HTML 10Page - Texas Instruments LM48557TL/NOPB Datasheet HTML 11Page - Texas Instruments LM48557TL/NOPB Datasheet HTML 12Page - Texas Instruments LM48557TL/NOPB Datasheet HTML 13Page - Texas Instruments LM48557TL/NOPB Datasheet HTML 14Page - Texas Instruments LM48557TL/NOPB Datasheet HTML 15Page - Texas Instruments LM48557TL/NOPB Datasheet HTML 16Page - Texas Instruments LM48557TL/NOPB Datasheet HTML 17Page - Texas Instruments LM48557TL/NOPB Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 26 page
background image
Non-Inverting Configuration
Inverting Configuration
IN+
IN-
VCM
IN-
IN+
VCM
LM48557
LM48557
LM48557
SNAS486D – JULY 2009 – REVISED MAY 2013
www.ti.com
Input Capacitor Selection
Input capacitors block the DC component of the audio signal, eliminating any conflict between the DC component
of the audio source and the bias voltage of the LM48557. The input capacitors create a high-pass filter with the
input resistors RIN. The -3dB point of the high pass filter is found using the equation below.
f = 1 / 2
πRINCIN (Hz)
(1)
Where the value of RIN is given in the Electrical Characteristics Table.
High pass filtering the audio signal helps protect the speakers. When the LM48557 is using a single-ended
source, power supply noise on the ground is seen as an input signal. Setting the high-pass filter point above the
power supply noise frequencies, 217Hz in a GSM phone, for example, filters out the noise such that it is not
amplified and heard on the output. Capacitors with a tolerance of 10% or better are recommended for impedance
matching and improved CMRR and PSRR.
COMMON MODE SENSE
The LM48557 features a common mode sense pin (VCM, pin A3) that includes additional common mode
cancelling circuitry that improves the CMRR. When the volume control is set at a high gain step such as 48dB,
any mismatch in the input capacitors would degrade CMRR performance significantly. With the VCM pin
connected to the ground of the input source, it takes the input capacitor mismatches out of the equation and
therefore improves the CMRR. Another advantage with this feature is that only one input capacitor is needed in
the single-ended configuration as opposed to two well matched capacitors. See next section for details of
different configurations of the LM48857.
SINGLE-ENDED INPUT CONFIGURATION
Ground-Referenced Audio Source
The LM48557 input stage is compatible with ground-referenced input sources, such as CODECs with an
integrated headphone amplifier. Connect either input, IN+ or IN- to the CODEC output, and connect the unused
input and VCM to the CODEC output ground (Figure 22). An input coupling capacitor in series with the source
and device input is recommended to block the CODEC output offset voltage, minimizing click and pop and zipper
noise during volume transitions.
Figure 22. Single-Ended Input Configuration with a Ground-Referenced Source
NON-GROUND REFERENCED AUDIO SOURCE
Stereo-to-Mono Conversion
The LM48557 can convert a single-ended stereo signal to a mono BTL signal (Figure 23). Connect the left and
right CODEC outputs in parallel through two equal value resistors to either IN+ or IN-, and connect the unused
input and VCM to the CODEC ground. Select the value of the resistors based on the desired frequency response
created by the combination of the input resistor and the input coupling capacitor.
14
Submit Documentation Feedback
Copyright © 2009–2013, Texas Instruments Incorporated
Product Folder Links: LM48557



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com