Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM48557TL/NOPB Datasheet(PDF) 4 Page - Texas Instruments

Part # LM48557TL/NOPB
Description  LM48557 Boomer™ Mono, Bridge-Tied Load, Ceramic Speaker Driver with I2C Volume Control and Reset
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM48557TL/NOPB Datasheet(HTML) 4 Page - Texas Instruments

  LM48557TL/NOPB Datasheet HTML 1Page - Texas Instruments LM48557TL/NOPB Datasheet HTML 2Page - Texas Instruments LM48557TL/NOPB Datasheet HTML 3Page - Texas Instruments LM48557TL/NOPB Datasheet HTML 4Page - Texas Instruments LM48557TL/NOPB Datasheet HTML 5Page - Texas Instruments LM48557TL/NOPB Datasheet HTML 6Page - Texas Instruments LM48557TL/NOPB Datasheet HTML 7Page - Texas Instruments LM48557TL/NOPB Datasheet HTML 8Page - Texas Instruments LM48557TL/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
LM48557
SNAS486D – JULY 2009 – REVISED MAY 2013
www.ti.com
Electrical Characteristics VDD = 4.2V
(1) (2)
The following specifications apply for AV = 6dB, RL = 1µF + 22Ω, C1 = 2.2µF, C2 = 2.2µF, f = 1kHz, unless otherwise
specified. Limits apply for TA = 25°C.
LM48557
Symbol
Parameter
Conditions
Units
Min(3)
Typ(4)
Max(3)
VDD
Supply Voltage Range
2.7
4.5
V
I2CVDD
I2C Supply Voltage Range
1.7
4.5
V
IDD
Quiescent Power Supply Current
VIN = 0V, RL = ∞
5
8
mA
ISD
Shutdown Current
Shutdown Enabled
0.01
1
µA
VIN = 0V, AV = 0dB
3
12
mV
|VOS|
Differential Output Offset Voltage
VIN = 0V, AV = 48dB
40
160
mV
VIH
Logic High Input Threshold
RESET, VDD = 2.7V to 4.5V
1.4
V
VIL
Logic Low Input Threshold
RESET, VDD = 2.7V to 4.5V
0.4
V
Minimum Gain Setting
-25.5
-25
-24.5
dB
Volume Control = 000001
AV
Gain
Maximum Gain Setting
47
48
49
dB
Volume Control = 111111
AV(MUTE)
Mute Attenuation
Volume Control = 000000
–90
dB
RIN
Input Resistance
1
3
M
Ω
Common Mode Input Voltage
VIN
-1
1
VP-P
Range
RL = 1µF + 22Ω, THD+N = 1%
5.5
5.8
VRMS
f = 1kHz
15.6
16.4
VP-P
VO
Output Voltage
f = 5kHz
4.0
VRMS
RL = 2.2µF + 10Ω, THD+N = 1%
f = 1kHz
5.6
VRMS
f = 5kHz
2.9
VRMS
Total Harmonic Distortion +
THD+N
VO = 4VRMS, f = 1kHz, AV = 48dB
0.05
%
Noise
VDD = 4.2V + 200mVP-P (sine), Inputs AC GND, CIN = 0.1µF, AV = 0dB
fRIPPLE = 217Hz
80
dB
fRIPPLE = 1kHz
80
dB
Power Supply Rejection Ratio
PSRR
(Figure 4)
VDD = 4.2V + 200mVP-P (sine), Inputs AC GND, CIN = 0.1µF, AV = 48dB
f = 1kHz
15
40
dB
f = 5kHZ
40
dB
VCM = 200mVP-P (sine), CIN = 0.1µF, AV = 48dB
Common Mode Rejection Ratio
CMRR
fRIPPLE = 500Hz
16
36
dB
(Figure 5)
fRIPPLE = 1kHz
37
dB
Charge Pump Switching
fSW
230
300
370
kHz
Frequency
SNR
Signal To Noise Ratio
VOUT = 5VRMS, f = 1kHz, AV = 48dB
74
dB
AV = 0dB, A-Weighted Filter
20
30
µV
∈OS
Output Noise
AV = 48dB, A-weighted Filter
1
mV
(1)
“Absolute Maximum Ratings indicate limits beyond which damage to the device may occur, including inoperability and degradation of
device reliability and/or performance. Functional operation of the device and/or non-degradation at the Absolute Maximum Ratings or
other conditions beyond those indicated in the Operating Ratings is not implied. The Operating Ratings indicate conditions at which the
device is functional and the device should not be operated beyond such conditions. All voltages are measured with respect to the
ground pin, unless otherwise specified.
(2)
The Electrical Characteristics tables list specified specifications under the listed Operating Ratings except as otherwise modified or
specified by the Electrical Characteristics Conditions and/or Notes. Typical specifications are estimations only and are not ensured.
(3)
Datasheet min/max specification limits are specified by test or statistical analysis.
(4)
Typical values represent most likely parametric norms at TA = +25ºC, and at theOperation Rating at the time of product characterization
and are not ensured.
4
Submit Documentation Feedback
Copyright © 2009–2013, Texas Instruments Incorporated
Product Folder Links: LM48557



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com