Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM48557TL/NOPB Datasheet(PDF) 3 Page - Texas Instruments

Part # LM48557TL/NOPB
Description  LM48557 Boomer™ Mono, Bridge-Tied Load, Ceramic Speaker Driver with I2C Volume Control and Reset
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM48557TL/NOPB Datasheet(HTML) 3 Page - Texas Instruments

  LM48557TL/NOPB Datasheet HTML 1Page - Texas Instruments LM48557TL/NOPB Datasheet HTML 2Page - Texas Instruments LM48557TL/NOPB Datasheet HTML 3Page - Texas Instruments LM48557TL/NOPB Datasheet HTML 4Page - Texas Instruments LM48557TL/NOPB Datasheet HTML 5Page - Texas Instruments LM48557TL/NOPB Datasheet HTML 6Page - Texas Instruments LM48557TL/NOPB Datasheet HTML 7Page - Texas Instruments LM48557TL/NOPB Datasheet HTML 8Page - Texas Instruments LM48557TL/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
LM48557
www.ti.com
SNAS486D – JULY 2009 – REVISED MAY 2013
Table 1. Bump Descriptions
Bump
Name
Description
A1
SVDD
Signal Power Supply
A2
SGND
Signal Ground
A3
VCM
Common Mode Sense Input
A4
IN-
Amplifier Inverting input
B1
OUT-
Amplifier Inverting output
B2
OUT+
Amplifier Non-Inverting Output
Active Low Reset Input. Connect to VDD for normal operation. Toggle
B3
RESET
between VDD and GND to reset the device.
B4
IN+
Amplifier Non-Inverting Input
C1
CPVSS
Charge Pump Output
C2
SCL
I2C Serial Clock Input
C3
SDA
I2C Serial Data Input
C4
I2CVDD
I2C Supply Voltage
D1
C1N
Charge Pump Flying Capacitor Negative Terminal
D2
PGND
Power Ground
D3
C1P
Charge Pump Flying Capacitor Positive Terminal
D4
PVDD
Power Supply
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1) (2) (3)
Supply Voltage(1)
5.25V
Storage Temperature
−65°C to +150°C
Input Voltage
−0.3V to VDD +0.3V
Power Dissipation(4)
Internally Limited
ESD Rating-Human Body Model(5)
2kV
ESD Rating-Machine Model(6)
150V
Junction Temperature
150°C
Thermal Resistance
θJA (typ) - (YZR001611A)
63°C/W
Soldering Information: See AN-1112 "Micro SMD Wafer Level Chip Scale Package."
(1)
“Absolute Maximum Ratings indicate limits beyond which damage to the device may occur, including inoperability and degradation of
device reliability and/or performance. Functional operation of the device and/or non-degradation at the Absolute Maximum Ratings or
other conditions beyond those indicated in the Operating Ratings is not implied. The Operating Ratings indicate conditions at which the
device is functional and the device should not be operated beyond such conditions. All voltages are measured with respect to the
ground pin, unless otherwise specified.
(2)
The Electrical Characteristics tables list specified specifications under the listed Operating Ratings except as otherwise modified or
specified by the Electrical Characteristics Conditions and/or Notes. Typical specifications are estimations only and are not ensured.
(3)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/Distributors for availability and
specifications.
(4)
The maximum power dissipation must be derated at elevated temperatures and is dictated by TJMAX, θJA, and the ambient temperature,
TA. The maximum allowable power dissipation is PDMAX = (TJMAX - TA) / θJA or the number given in Absolute Maximum Ratings,
whichever is lower.
(5)
Human body model, applicable std. JESD22-A114C.
(6)
Machine model, applicable std. JESD22-A115-A.
Operating Ratings
Temperature Range (TMIN ≤ TA ≤ TMAX)
−40°C ≤ TA ≤ +85°C
PVDD and SVDD
2.7V
≤ VDD ≤ 4.5V
Supply Voltage
I2CVDD
1.7V
≤ I2CVDD ≤ 4.5V
Copyright © 2009–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM48557



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com