Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

N10SP080M Datasheet(PDF) 13 Page - YAGEO Corporation

Part # N10SP080M
Description  NTC Inrush Current Limiter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

N10SP080M Datasheet(HTML) 13 Page - YAGEO Corporation

Back Button N10SP080M Datasheet HTML 8Page - YAGEO Corporation N10SP080M Datasheet HTML 9Page - YAGEO Corporation N10SP080M Datasheet HTML 10Page - YAGEO Corporation N10SP080M Datasheet HTML 11Page - YAGEO Corporation N10SP080M Datasheet HTML 12Page - YAGEO Corporation N10SP080M Datasheet HTML 13Page - YAGEO Corporation N10SP080M Datasheet HTML 14Page - YAGEO Corporation N10SP080M Datasheet HTML 15Page - YAGEO Corporation N10SP080M Datasheet HTML 16Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
Feb.
19,
2021
13
16
Product Specification
SP series
NTC Inrush Current Limiter
Circuit Protection
www.yageo.com
Feb. 19, 2021 V.0
V
–I Characteristic Curves
0.01
0.1
1
10
0.01
0.1
1
10
100
Current ( A )
N20SP Series V-I Characteristics Curves
0.01
0.1
1
10
0.01
0.1
1
10
100
Current ( A )
N25SP Series V-I Characteristics Curves
N20SP120
N20SP025
N20SP020
N20SP012
N20SP010
N20SP008
N20SP007
N20SP006
N20SP005
N20SP004
N20SP2R5
N20SP002
N20SP1R3
N20SP001
N20SP0R7
N25SP120
N25SP020
N25SP018
N25SP015
N25SP012
N25SP010
N25SP008
N25SP007
N25SP6R8
N25SP005
N25SP4R7
N25SP004
N25SP003
N25SP2R5
N25SP002
N25SP1R5
N25SP001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com