Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

N10SP080M Datasheet(PDF) 16 Page - YAGEO Corporation

Part # N10SP080M
Description  NTC Inrush Current Limiter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

N10SP080M Datasheet(HTML) 16 Page - YAGEO Corporation

Back Button N10SP080M Datasheet HTML 8Page - YAGEO Corporation N10SP080M Datasheet HTML 9Page - YAGEO Corporation N10SP080M Datasheet HTML 10Page - YAGEO Corporation N10SP080M Datasheet HTML 11Page - YAGEO Corporation N10SP080M Datasheet HTML 12Page - YAGEO Corporation N10SP080M Datasheet HTML 13Page - YAGEO Corporation N10SP080M Datasheet HTML 14Page - YAGEO Corporation N10SP080M Datasheet HTML 15Page - YAGEO Corporation N10SP080M Datasheet HTML 16Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
Feb.
19,
2021
16
16
Product Specification
SP series
NTC Inrush Current Limiter
Circuit Protection
www.yageo.com
Feb. 19, 2021 V.0
■Bulk Packing
Bulk (Unit: mm)
Disc
Φ
SPQ
(pcs / Bag)
Quantity
(Bags / Box)
(pcs / Box)
Φ08
500
2
1000
Φ10
500
2
1000
Φ13
300
2
600
Φ15
125
4
500
Φ20
75
4
300
Φ25
25
4
100
Warehouse Storage Conditions
■ Storage temperature: -10℃~+40℃.
■ Relative h
umidity: ≤80%RH.
■ Keep away from corrosive atmosphere and sunlight.
■ Period of Storage: 1 year.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com