Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

N10SP080M Datasheet(PDF) 2 Page - YAGEO Corporation

Part # N10SP080M
Description  NTC Inrush Current Limiter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

N10SP080M Datasheet(HTML) 2 Page - YAGEO Corporation

  N10SP080M Datasheet HTML 1Page - YAGEO Corporation N10SP080M Datasheet HTML 2Page - YAGEO Corporation N10SP080M Datasheet HTML 3Page - YAGEO Corporation N10SP080M Datasheet HTML 4Page - YAGEO Corporation N10SP080M Datasheet HTML 5Page - YAGEO Corporation N10SP080M Datasheet HTML 6Page - YAGEO Corporation N10SP080M Datasheet HTML 7Page - YAGEO Corporation N10SP080M Datasheet HTML 8Page - YAGEO Corporation N10SP080M Datasheet HTML 9Page - YAGEO Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Feb.
19,
2021
2
16
Product Specification
SP series
NTC Inrush Current Limiter
Circuit Protection
www.yageo.com
Feb. 19, 2021 V.0
NTC Thermistor SP series Data Sheet
Features
■ Effectively restrain surge.
■ Low power loss under the stable state.
■ Over-current wide control range and fast response.
■ Thermal and electrical characteristics with high stability.
■ Wide range of electrical specifications.
■ RoHS& Halogen Free (HF) compliant.
■ Safety certification-UL / TUV
Applications
■ Monitor, Sps, Fax, Telecom, Adaptor etc.
■ Power supply, Communications equipment etc.
Part Number Code
N
08
SP
005
M
—
F
TR
NTC
Nominal
Diameter
Series
Code
R25
(Nominal Resistance
at 25℃ )
Tolerance
of
R25
Forming
Type
(Kink)
Packing
Negative
Temperature
Coefficient
08:8mm,
10:10mm,
13:13mm,
15:15mm,
20:20mm,
25:25mm
Surge
Protection
0R7:
0.7Ω ,
1R3:
1.3Ω,
2R5:
2.5 Ω,
001~008:
1~8Ω,
010~080:
10~80Ω,
120:
120Ω
L:±15%,
M:±20%
No suffix:Straight leads
O:Outside crimped leads
F:Y Kinked leads
No suffix:Bulk,
TB:Tape & Box,
TR:Tape & Reel
Marking
XXSPXXX
XX
①
②
④
① Brightking Logo
② Disk Size
④ Zero Power Resistance at 25℃
⑤ Internal control code
XX
③
③ SP SERIES
⑤



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com