Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMH0366SQ/NOPB Datasheet(PDF) 14 Page - Texas Instruments

Part # LMH0366SQ/NOPB
Description  LMH0366 3 Gbps HD/SD SDI Low Power Reclocker with Integrated Eye Monitor
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMH0366SQ/NOPB Datasheet(HTML) 14 Page - Texas Instruments

Back Button LMH0366SQ/NOPB Datasheet HTML 10Page - Texas Instruments LMH0366SQ/NOPB Datasheet HTML 11Page - Texas Instruments LMH0366SQ/NOPB Datasheet HTML 12Page - Texas Instruments LMH0366SQ/NOPB Datasheet HTML 13Page - Texas Instruments LMH0366SQ/NOPB Datasheet HTML 14Page - Texas Instruments LMH0366SQ/NOPB Datasheet HTML 15Page - Texas Instruments LMH0366SQ/NOPB Datasheet HTML 16Page - Texas Instruments LMH0366SQ/NOPB Datasheet HTML 17Page - Texas Instruments LMH0366SQ/NOPB Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 41 page
background image
LMH0366
SNAS585D – APRIL 2012 – REVISED APRIL 2013
www.ti.com
Loop Filter
The reclocker uses an external loop filter, which consists of a 56 nF capacitor connected between the LF1 and
LF2 pins.
Enable
The ENABLE input is used to enable or disable the LMH0366. Disabling the device powers down the output
drivers and most of the internal circuitry in order to minimize the power dissipation. While in the disabled state,
the SPI and input signal detection remain active. The external clock reference circuitry (XTAL_IN and
XTAL_OUT) also remains active, allowing the 27 MHz reference clock signal to be generated and passed on to
additional reclockers. ENABLE is active high and this pin has an internal pullup to enable the LMH0366 by
default.
General Purpose Input/Output Pins (GPIO[3:0])
The LMH0366 has two pins that can be configured through the SPI to provide direct access to certain register
values via a dedicated pin. For example, if a particular application requires fast access to the condition of losing
the input signal to the reclocker, the signal detect status bit could be routed directly to an external pin where it
might generate an interrupt for the host processor. The GPIO pins can be configured as inputs or outputs. When
used as inputs, the GPIO pins can be configured with a pullup resistor, a pulldown resistor, or no biasing at all.
The two GPIO pins, pins 24 and 1, originally function as the RATE0 and RATE1 inputs, respectively. To use
these pins as GPIOs, their default functions must first be overridden. Setting register 0x1D bit 0
(RATE_SEL_OV) overrides the use of these pins as RATE0 and RATE1 and allows the rate selection to be
controlled by register 0x1C bits 1:0 (RATE_SEL), freeing pins 24 and 1 to be used as GPIO0 and GPIO1.
The two GPIO pins are controlled by registers 0x04 (GPIO0 Control) and 0x05 (GPIO1 Control).
For each of these GPIO control registers, bits 7:4 control the output mode, and can select between general
purpose output and signal detect. When the GPIO is configured as an input, this mode selection has no effect.
Bits 3 and 2 select either a pullup or pulldown resistor for when the GPIO is operating as an input. Do not enable
the pullup and pulldown resistor simultaneously. When the GPIO is operating as an output, neither the pullup nor
the pulldown resistor should be enabled.
Bits 1 and 0 enable or disable the input and output buffers. If the GPIO is used as an output, the output buffer
must be enabled and the input buffer must be disabled. If the GPIO is used as an input, the input buffer must be
enabled and the output must be disabled. Do not enable both the input and output buffers simultaneously.
If the GPIO pins are configured as inputs, then the input values on each of the four GPIOs can be monitored via
register 0x03 bits 1:0 (GPIO_IN_VAL). If the GPIO pins are configured as general purpose output pins, then the
values written to register 0x08 bits 1:0 (GPIO_OUT_VAL) will appear on the respective GPIO pins.
Eye Opening Monitor (EOM)
The LMH0366 includes an eye opening monitor for analyzing the quality of the incoming signal, accessible via
the SPI. It analyzes the eye opening with 64 horizontal time points and 64 vertical voltage points, with 6-bit phase
DAC control for the horizontal coordinates and 6-bit voltage DAC control for the vertical coordinates.
The eye opening monitor can be used to measure the eye shape using either the normal or fast EOM modes. It
can also be used to quickly determine the width and height of the eye opening.
Eye Opening Monitor Configuration
For all modes, the eye opening monitor must first be enabled by clearing register 0x14 bit 4 (EOM_PD).
The LMH0366 must be locked to the incoming data rate for eye opening monitor operation.
The input signal to the eye opening monitor is equalized by default, but register 0x14 bit 1 (MUX2_EQ_SEL) can
be used to select between non-equalized or equalized data.
The output eye monitor is configured for HD input signals by default. When analyzing SD input signals, it is
recommended to set register 0x11 bit 2 (EOM_SEL_SD) to enable SD eye monitor mode. For 3G input signals, it
is recommended to set register 0x22 bit 6 (EOM_SEL_3G) to enable 3G eye monitor mode.
14
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated
Product Folder Links: LMH0366



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com