Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMH0366SQ/NOPB Datasheet(PDF) 24 Page - Texas Instruments

Part # LMH0366SQ/NOPB
Description  LMH0366 3 Gbps HD/SD SDI Low Power Reclocker with Integrated Eye Monitor
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMH0366SQ/NOPB Datasheet(HTML) 24 Page - Texas Instruments

Back Button LMH0366SQ/NOPB Datasheet HTML 20Page - Texas Instruments LMH0366SQ/NOPB Datasheet HTML 21Page - Texas Instruments LMH0366SQ/NOPB Datasheet HTML 22Page - Texas Instruments LMH0366SQ/NOPB Datasheet HTML 23Page - Texas Instruments LMH0366SQ/NOPB Datasheet HTML 24Page - Texas Instruments LMH0366SQ/NOPB Datasheet HTML 25Page - Texas Instruments LMH0366SQ/NOPB Datasheet HTML 26Page - Texas Instruments LMH0366SQ/NOPB Datasheet HTML 27Page - Texas Instruments LMH0366SQ/NOPB Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 41 page
background image
LMH0366
SNAS585D – APRIL 2012 – REVISED APRIL 2013
www.ti.com
Table 8. SPI Registers (continued)
Addr
Name
Bits
Field
R/W
Default
Description
(hex)
(binary)
12
Driver Control 2
7:6
SDO0_VOD
R/W
11
SDO0 output swing.
00: VSSP-P = 400 mVP-P.
01: VSSP-P = 530 mVP-P.
10: VSSP-P = 670 mVP-P.
11: VSSP-P = 800 mVP-P.
5:4
SDO1_VOD
R/W
11
SDO1 output swing.
00: VSSP-P = 400 mVP-P.
01: VSSP-P = 530 mVP-P.
10: VSSP-P = 670 mVP-P.
11: VSSP-P = 800 mVP-P.
3
RSVD
R/W
0
Reserved.
2
BYPASS
R/W
0
Bypass reclocker.
0: Normal operation.
1: Reclocker bypassed.
1
MUTE
R/W
1
Mute outputs (only used when
register 0x09 bit 5,
PIN_MODE_OV, is cleared).
0: SDO0 and SDO1 outputs
muted.
1: Normal operation.
0
SCO_EN
R/W
0
Serial clock output enable on
SDO1 (only used when register
0x09 bit 5, PIN_MODE_OV, is
cleared).
0: SDO1 output is data.
1: SDO1 output is the serial
clock.
13
Driver Control 3
7:6
SDO0_DEM
R/W
00
SDO0 output driver de-emphasis
level.
00: 0 dB (no de-emphasis).
01: 3 db de-emphasis.
10: 5 dB de-emphasis.
11: 7 db de-emphaiss.
5:4
SDO1_DEM
R/W
00
SDO1 output driver de-emphasis
level.
00: 0 dB (no de-emphasis).
01: 3 db de-emphasis.
10: 5 dB de-emphasis.
11: 7 db de-emphaiss.
3:0
RSVD
R/W
0000
Reserved.
24
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated
Product Folder Links: LMH0366



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com