Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMH0366SQ/NOPB Datasheet(PDF) 29 Page - Texas Instruments

Part # LMH0366SQ/NOPB
Description  LMH0366 3 Gbps HD/SD SDI Low Power Reclocker with Integrated Eye Monitor
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMH0366SQ/NOPB Datasheet(HTML) 29 Page - Texas Instruments

Back Button LMH0366SQ/NOPB Datasheet HTML 25Page - Texas Instruments LMH0366SQ/NOPB Datasheet HTML 26Page - Texas Instruments LMH0366SQ/NOPB Datasheet HTML 27Page - Texas Instruments LMH0366SQ/NOPB Datasheet HTML 28Page - Texas Instruments LMH0366SQ/NOPB Datasheet HTML 29Page - Texas Instruments LMH0366SQ/NOPB Datasheet HTML 30Page - Texas Instruments LMH0366SQ/NOPB Datasheet HTML 31Page - Texas Instruments LMH0366SQ/NOPB Datasheet HTML 32Page - Texas Instruments LMH0366SQ/NOPB Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 41 page
background image
LMH0366
www.ti.com
SNAS585D – APRIL 2012 – REVISED APRIL 2013
Table 8. SPI Registers (continued)
Addr
Name
Bits
Field
R/W
Default
Description
(hex)
(binary)
26
EOM Count Status 2
7:0
EOM_COUNT[7:0]
R
Eye opening monitor hits count,
bits 7:0. Lower byte of the
number of hits accumulated for
the previous EOM phase/voltage
DAC combination. In fast EOM
mode (i.e. register 0x24 bit 7,
FAST_EOM, is set), reading this
register causes the EOM to step
to the next phase/voltage DAC
combination and start the next
measurement.
27
Reserved
7:0
RSVD
R/W
01001000
Reserved.
28
Reserved
7:0
RSVD
R/W
01001000
Reserved.
29
EOM Timer Control
7:0
EOM_TIMER
R/W
00000001
Eye opening monitor timer. Sets
the eye opening monitor timer
value in units of 256 clock cycles
of the divide-by-12 VCO clock.
2A
HEO Status
7:0
HEO
R
Horizontal eye opening.
Following HEO/VEO
measurement, indicates the
measured horizontal eye
opening. Valid values are
between 1 and 63 decimal.
A value of 64, accompanied by
register 0x24 bit 2
(NO_HITS_ERR) set, indicates
the lack of a zero crossing
detection.
A value of 0, accompanied by
register 0x24 bit 3
(NO_OPENING_ERR) set,
indicates a fully closed eye.
2B
VEO Status
7:0
VEO
R
Vertical eye opening. Following
HEO/VEO measurement,
indicates the measured vertical
eye opening. Valid values are
between 1 and 63 decimal.
A value of 64, accompanied by
register 0x24 bit 4
(VEO_MAX_ERR) set, indicates
the lack of detection of the upper
and lower limits of the eye.
2C
EOM Control 4
7:4
RSVD
R/W
0000
Reserved.
3:0
EOM_MIN_HITS
R/W
0000
Eye opening monitor minimum
hits. Sets the minimum required
number of hits at each point in
the horizontal direction to detect
“closed” at that point.
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
29
Product Folder Links: LMH0366



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com