Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV232TL/NOPB.A Datasheet(PDF) 2 Page - Texas Instruments

Part # LMV232TL/NOPB.A
Description  LMV232 Dual-Channel Integrated Mean Square Power Detector for CDMA & WCDMA
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMV232TL/NOPB.A Datasheet(HTML) 2 Page - Texas Instruments

  LMV232TL/NOPB.A Datasheet HTML 1Page - Texas Instruments LMV232TL/NOPB.A Datasheet HTML 2Page - Texas Instruments LMV232TL/NOPB.A Datasheet HTML 3Page - Texas Instruments LMV232TL/NOPB.A Datasheet HTML 4Page - Texas Instruments LMV232TL/NOPB.A Datasheet HTML 5Page - Texas Instruments LMV232TL/NOPB.A Datasheet HTML 6Page - Texas Instruments LMV232TL/NOPB.A Datasheet HTML 7Page - Texas Instruments LMV232TL/NOPB.A Datasheet HTML 8Page - Texas Instruments LMV232TL/NOPB.A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
LMV232
SNWS017C – DECEMBER 2004 – REVISED MARCH 2013
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
ABSOLUTE MAXIMUM RATINGS
(1) (2)
Supply Voltage
VDD - GND
3.6V Max
ESD Tolerance (3)
Human Body Model
2000V
Machine Model
200V
Storage Temperature Range
-65°C to 150°C
Junction Temperature (4)
150°C Max
Mounting Temperature
Infrared or Convection (20 sec)
235°C
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is intended to be functional, but specific performance is not ensured. For ensured specifications and the test
conditions, see the Electrical Characteristics.
(2)
If Military/Aerospace specified devices are required, please contact the TI Sales Office/ Distributors for availability and specifications.
(3)
Human body model: 1.5 k
Ω in series with 100 pF. Machine model, 0Ω in series with 100 pF.
(4)
The maximum power dissipation is a function of TJ(MAX) , θJA and TA. The maximum allowable power dissipation at any ambient
temperature is PD = (TJ(MAX) - TA)/θJA. All numbers apply for packages soldered directly into a PC board.
OPERATING RATINGS
(1)
Supply Voltage
2.5V to 3.3V
Operating Temperature Range
-40°C to +85°C
RF Frequency Range
50 MHz to 2 GHz
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is intended to be functional, but specific performance is not ensured. For ensured specifications and the test
conditions, see the Electrical Characteristics.
2.7 DC AND AC ELECTRICAL CHARACTERISTICS
Unless otherwise specified, all limits are specified to VDD = 2.7V; TJ = 25°C. Boldface limits apply at temperature extremes.
(1)
Symbol
Parameter
Condition
Min
Typ
Max
Units
IDD
Supply Current
Active Mode: SD = LOW, No RF
9.8
11
mA
Input Power Present
13
Shutdown: SD = 1.8V, No RF Input
0.09
5
μA
Power Present
30
VLOW
BS and SD Logic Low Level (2)
0.8
V
VHIGH
BS and SD Logic High Level (2)
1.8
V
IBS, ISD
Current into BS and SD pins
5
µA
VOUT
Output Voltage Swing
From Positive Rail, Sourcing,
20
80
mV
FB = 0V, IOUT = 1 mA
90
From Negative Rail, Sinking,
20
60
mV
FB = 2.7V, IOUT = −1 mA
70
IOUT
Output Short Circuit
Sourcing, FB = 0V, VOUT = 2.6V
3.7
5.1
mA
2.7
Sinking, FB = 2.7V, VOUT = 0.1V
3.7
5.5
2.7
235
275
VOUT
Output Voltage (Pedestal)
No RF Input Power
254
mV
230
280
Pedestal Variation Over
VPED
5.4
mV
Temperature (3)
Offset Current Variation Over
IOS
1.17
µA
Temperature (3)
(1)
Electrical Table values apply only for factory testing conditions at the temperature indicated. Factory testing conditions result in very
limited self-heating of the device such that TJ = TA. No ensured specification of parametric performance is indicated in the electrical
tables under conditions of internal self-heating where TJ > TA.
(2)
All limits are specified by design or statistical analysis.
(3)
Typical numbers represent the 3-sigma value of 10k units. 3-sigma value of variation between
−40°C / 25°C and variation between 25°C
/ 85°C.
2
Submit Documentation Feedback
Copyright © 2004–2013, Texas Instruments Incorporated
Product Folder Links: LMV232



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com