Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV232TL/NOPB.A Datasheet(PDF) 8 Page - Texas Instruments

Part # LMV232TL/NOPB.A
Description  LMV232 Dual-Channel Integrated Mean Square Power Detector for CDMA & WCDMA
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMV232TL/NOPB.A Datasheet(HTML) 8 Page - Texas Instruments

Back Button LMV232TL/NOPB.A Datasheet HTML 4Page - Texas Instruments LMV232TL/NOPB.A Datasheet HTML 5Page - Texas Instruments LMV232TL/NOPB.A Datasheet HTML 6Page - Texas Instruments LMV232TL/NOPB.A Datasheet HTML 7Page - Texas Instruments LMV232TL/NOPB.A Datasheet HTML 8Page - Texas Instruments LMV232TL/NOPB.A Datasheet HTML 9Page - Texas Instruments LMV232TL/NOPB.A Datasheet HTML 10Page - Texas Instruments LMV232TL/NOPB.A Datasheet HTML 11Page - Texas Instruments LMV232TL/NOPB.A Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
LMV232
SNWS017C – DECEMBER 2004 – REVISED MARCH 2013
www.ti.com
APPLICATION NOTES
The LMV232 mean square power detector is particularly suited for accurate power measurement of RF
modulated signals that exhibit large peak to average ratios, i.e. large variations of the signal envelope. Such
noise-like signals are encountered e.g. in CDMA and Wide-band CDMA cell-phones. Many power detection
circuits, particularly those devised for constant-envelope modulated signals as in GSM, are based on peak
detection and provide accurate power measurements for constant envelope or low-crest factor (ratio of peak to
RMS) signals only. Such detectors are therefore not particularly suited for CDMA and WCDMA applications.
TYPICAL APPLICATION
The LMV232 is especially suited for CDMA and WCDMA applications with 2 Power Amplifiers (PA’s). A typical
setup is given in Figure 21. The output power of one PA is measured at a time, depending on the bandselect pin
(BS). If the BS = High RFIN1 is used for measurements, if BS = Low RFIN2 is used. The measured output voltage
of the LMV232 is read by the ADC of the baseband chip and the gain of the PA is adjusted if necessary. With an
input impedance of 50
Ω, the LMV232 can be directly connected to a 20 dB directional coupler without the need
for an additional external attenuator. The setup can be adjusted to various PA output ranges by selection of a
directional coupler or insertion of an additional (resistive) attenuator between the coupler outputs and the
LMV232 RF inputs.
The LMV232 conversion gain and bandwidth are configured by a resistor and a capacitor. Resistor R1 sets the
conversion gain from RFIN to the output voltage. A higher resistor value will result in a higher conversion gain.
The maximum dynamic range is achieved when the resistor value is as high as possible, i.e. the output signal
just doesn’t clip and the voltage stays within the baseband ADC input range. The filter bandwidth is adjusted by
capacitor C1. The capacitor value should be chosen such that the response time of the device is fast enough and
modulation on the RF input signal is not visible at the output (ripple suppression). The
−3 dB filter bandwidth of
the output filter is determined by the time constant R1*C1. Generally a capacitor value of 1.5 nF is a good
choice.
PEAK TO AVERAGE RATIO SENSITIVITY
The LMV232 power detector provides an accurate power measurement for arbitrary input signals, low and high
peak-to-average ratios and crest factors. This is because its operation is not based on peak detection, but on
direct determination of the mean square value. This is the most accurate power measurement, since it exactly
implements the definition of power. A mean-square detector measures VRMS
2 for all waveforms. Peak detection is
less accurate because the relation between peak detection and mean square detection depends on the
waveform. A peak detector measures P = VPEAK
2 for all waveforms, while it should measures P = V
PEAK
2/2 (for R
= 1
Ω) for a sine wave and P = VPEAK
2/3 for a triangle wave for instance. For a CDMA signal, the measurement
error can be in the order of 5 to 6 dB. For many wave forms, specially those with high peak-to-average ratios,
peak detection is not accurate enough and therefore a mean square detector is recommended.
MEAN SQUARE CONFORMANCE ERROR
The LMV232 is a mean square detector and therefore should have an output voltage (in Volts) that linearly
relates to the RF input power (in mW). The input referred error, with respect to an ideal linear mean square
detector, is determined as a measure for the accuracy of the detector.
8
Submit Documentation Feedback
Copyright © 2004–2013, Texas Instruments Incorporated
Product Folder Links: LMV232



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com