Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV232TL/NOPB.A Datasheet(PDF) 1 Page - Texas Instruments

Part # LMV232TL/NOPB.A
Description  LMV232 Dual-Channel Integrated Mean Square Power Detector for CDMA & WCDMA
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMV232TL/NOPB.A Datasheet(HTML) 1 Page - Texas Instruments

  LMV232TL/NOPB.A Datasheet HTML 1Page - Texas Instruments LMV232TL/NOPB.A Datasheet HTML 2Page - Texas Instruments LMV232TL/NOPB.A Datasheet HTML 3Page - Texas Instruments LMV232TL/NOPB.A Datasheet HTML 4Page - Texas Instruments LMV232TL/NOPB.A Datasheet HTML 5Page - Texas Instruments LMV232TL/NOPB.A Datasheet HTML 6Page - Texas Instruments LMV232TL/NOPB.A Datasheet HTML 7Page - Texas Instruments LMV232TL/NOPB.A Datasheet HTML 8Page - Texas Instruments LMV232TL/NOPB.A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
PA1
ANTENNA
RFIN1
LMV232
RF
INPUT
OUT
R1
6.2 k:
RFIN2
PA2
RF
INPUT
FB
BS
SD
VDD
GND
A3
B3
C1
B1
A1
C3
C2
A2
R3
50:
C1
1.5 nF
COUPLER
COUPLER
TO BASEBAND
R2
50:
LMV232
www.ti.com
SNWS017C – DECEMBER 2004 – REVISED MARCH 2013
LMV232 Dual-Channel Integrated Mean Square Power Detector for CDMA & WCDMA
Check for Samples: LMV232
1
FEATURES
DESCRIPTION
The LMV232 dual RF detector is designed for RF
•
>20 dB Square-Law Detection Range
transmit power measurement in mobile phones. This
•
2 Sequentially Selectable RF Inputs
dual mean square IC is especially suited for accurate
•
Low Power Consumption Shutdown Mode
power measurement of RF signals exhibiting high
peak-to-average ratios used in 3G and UMTS/CDMA
•
Externally Configurable Gain and LF Filter
applications. The LMV232 saves calibration steps
Bandwidth.
and system certification and is highly accurate. The
•
Internal 50
Ω RF Termination Impedance
circuit operates with a single supply from 2.5 to 3.3V.
•
Optimized for Use with 20 dB Directional
The LMV232 contains a mean square detector with
Coupler
two sequentially selectable RF inputs. The RF input
•
Lead Free 8-Bump DSBGA Package 1.5 x 1.5 x
power range of the device has been optimized for use
0.6 mm
with a 20 dB directional coupler, without the need for
additional external components. A single external RC
combination between FB and OUT provides an
APPLICATIONS
externally configurable gain and LF filter bandwidth of
•
3G Mobile Communications
the device.
•
UMTS
The device has two digital interfaces. A shutdown
•
WCDMA
function is available to set the device in a low-power
•
CDMA2000
shutdown mode. In case SD = HIGH, the device is in
shutdown, if SD = LOW the device is active. The
•
TD-SCDMA
Band-Select function controls the selection of the
•
RF Control
active RF input channel. In case BS = HIGH, RFIN1 is
•
Wireless LAN
active. In case BS = LOW, RFIN2 is active.
•
PC Card and GPS Modules
The dual mean square detector is offered in an 8-
bump DSBGA 1.5 x 1.5 x 0.6 mm package. This
DSBGA package has the smallest footprint and
height.
TYPICAL APPLICATION
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2004–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LMV232TL/NOPB.A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMV232TL/NOPB TI1-LMV232TL/NOPB Datasheet
1Mb / 20P
LMV232 Dual-Channel Integrated Mean Square Power Detector for CDMA & WCDMA
More results

Similar Description - LMV232TL/NOPB.A

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMV232 NSC-LMV232 Datasheet
779Kb / 13P
Dual-Channel Integrated Mean Square Power Detector for CDMA & WCDMA
LMV225 NSC-LMV225 Datasheet
1Mb / 21P
RF Power Detector for CDMA and WCDMA
LMV227 NSC-LMV227 Datasheet
739Kb / 12P
Production RF Tested, RF Power Detector for CDMA and WCDMA
logo
Texas Instruments
LMV225SDX TI-LMV225SDX Datasheet
947Kb / 30P
LMV225/LMV226/LMV228 RF Power Detector for CDMA and WCDMA
LMV225SD TI-LMV225SD Datasheet
947Kb / 30P
LMV225/LMV226/LMV228 RF Power Detector for CDMA and WCDMA
LMV225 TI1-LMV225_14 Datasheet
1Mb / 30P
RF Power Detector for CDMA and WCDMA
LMV225 TI-LMV225_15 Datasheet
2Mb / 37P
LMV225/LMV226/LMV228 RF Power Detector for CDMA and WCDMA
LMV232 TI-LMV232_15 Datasheet
1Mb / 20P
LMV232 Dual-Channel Integrated Mean Square Power Detector for CDMA & WCDMA
LMV232 TI1-LMV232_16 Datasheet
1Mb / 20P
LMV232 Dual-Channel Integrated Mean Square Power Detector for CDMA & WCDMA
LMV225 TI1-LMV225 Datasheet
2Mb / 39P
RF Power Detector for CDMA and WCDMA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com