Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5066 Datasheet(PDF) 4 Page - Analog Devices

Part # AD5066
Description  Fully Accurate 16-Bit UnBuffered VOUT DAC SPI Interface 2.7 V to 5.5 V in a TSSOP
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5066 Datasheet(HTML) 4 Page - Analog Devices

  AD5066 Datasheet HTML 1Page - Analog Devices AD5066 Datasheet HTML 2Page - Analog Devices AD5066 Datasheet HTML 3Page - Analog Devices AD5066 Datasheet HTML 4Page - Analog Devices AD5066 Datasheet HTML 5Page - Analog Devices AD5066 Datasheet HTML 6Page - Analog Devices AD5066 Datasheet HTML 7Page - Analog Devices AD5066 Datasheet HTML 8Page - Analog Devices AD5066 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
AD5066
Preliminary Technical Data
Rev. PrB | Page 4 of 20
A Grade1 2
B Grade1
Parameter
Min
Typ
Max
Min
Typ
Max
Unit
Conditions/Comments
Pin Capacitance
4
4
pF
POWER REQUIREMENTS
VDD
2.7
5.5
2.7
5.5
V
All digital inputs at 0 or VDD
DAC active, excludes load current
IDD (Normal Mode)6
VIH = VDD and VIL = GND
VDD = 4.5 V to 5.5 V
3
4
3
4
mA
IDD (All Power-Down Modes)7
VDD = 4.5 V to 5.5 V
0.4
1
0.4
1
μA
VIH = VDD and VIL = GND
1 Temperature range is −40°C to +105°C, typical at 25°C.
2 A grade offered in AD5064 only
3 Linearity calculated using a reduced code range of 512 to 65,024. Output unloaded.
4 Guaranteed by design and characterization; not production tested.
5 Total current flowing into all pins.
6. Interface inactive. All DACs active. DAC outputs unloaded
7. All four DACs powered down



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com