Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5066 Datasheet(PDF) 13 Page - Analog Devices

Part # AD5066
Description  Fully Accurate 16-Bit UnBuffered VOUT DAC SPI Interface 2.7 V to 5.5 V in a TSSOP
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5066 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD5066 Datasheet HTML 9Page - Analog Devices AD5066 Datasheet HTML 10Page - Analog Devices AD5066 Datasheet HTML 11Page - Analog Devices AD5066 Datasheet HTML 12Page - Analog Devices AD5066 Datasheet HTML 13Page - Analog Devices AD5066 Datasheet HTML 14Page - Analog Devices AD5066 Datasheet HTML 15Page - Analog Devices AD5066 Datasheet HTML 16Page - Analog Devices AD5066 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
Preliminary Technical Data
AD5066
Rev. PrB | Page 13 of 20
Table 7. Command Definitions
Command
C3
C2
C1
C0
Description
0
0
0
0
Write to Input Register n
0
0
0
1
Update DAC Register n
0
0
1
0
Write to Input Register n, update all
(software LDAC)
0
0
1
1
Write to and update DAC Channel n
0
1
0
0
Power down/power up DAC
0
1
0
1
Load clear code register
0
1
1
0
Load LDAC register
0
1
1
1
Reset (power-on reset)
1
0
0
0
Set up DCEN register (Daisy chain enable)
1
0
0
1
Set up DIO direction and Value
1
1
1
1
Reserved
Table 8. Address Commands
Address (n)
A3
A2
A1
A0
Selected DAC
Channel
0
0
0
0
DAC A
0
0
0
1
DAC B
0
0
1
0
Reserved
0
0
1
1
Reserved
1
1
1
1
All DACs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com