Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5066 Datasheet(PDF) 12 Page - Analog Devices

Part # AD5066
Description  Fully Accurate 16-Bit UnBuffered VOUT DAC SPI Interface 2.7 V to 5.5 V in a TSSOP
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5066 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD5066 Datasheet HTML 8Page - Analog Devices AD5066 Datasheet HTML 9Page - Analog Devices AD5066 Datasheet HTML 10Page - Analog Devices AD5066 Datasheet HTML 11Page - Analog Devices AD5066 Datasheet HTML 12Page - Analog Devices AD5066 Datasheet HTML 13Page - Analog Devices AD5066 Datasheet HTML 14Page - Analog Devices AD5066 Datasheet HTML 15Page - Analog Devices AD5066 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
AD5066
Preliminary Technical Data
Rev. PrB | Page 12 of 20
THEORY OF OPERATION
D/A SECTION
The AD5066 are Quad 16-bit, serial input, voltage output
DACs. The parts operate from supply voltages of 2.7 V to 5.5 V.
Data is written to the AD5066 in a 32-bit word format via a 3-
wire serial interface. The AD5066 incorporates a power-on reset
circuit that ensures the DAC output powers up to a known out-
put state (midscale or zero-scale, see the Ordering Guide). The
devices also have a software power-down mode that reduces the
typical current consumption to less than 1 μa.
Because the input coding to the DAC is straight binary, the ideal
output voltage when using an external reference is given by
⎟
⎠
⎞
⎜
⎝
⎛
×
=
N
REFIN
OUT
D
V
V
2
The ideal output voltage when using and internal reference is
given by
⎟
⎠
⎞
⎜
⎝
⎛
×
×
=
N
REFOUT
OUT
D
V
V
2
2
where:
D
= decimal equivalent of the binary code that is loaded to the
DAC register. 0 to 65,535 for AD5066 (16 bits).N = the DAC
resolution.
DAC ARCHITECTURE
The DAC architecture of the AD5066 consists of two matched
DAC sections. A simplified circuit diagram is shown in Figure
5. The four MSBs of the 16-bit data word are decoded to drive
15 switches, E1 to E15. Each of these switches connects one of
15 matched resistors to either GND or VREF
buffer output. The
remaining 12 bits of the data word drive switches S0 to S11 of a
12-bit voltage mode R-2R ladder network.
2R
S0
VREF
2R
S1
2R
S11
2R
E1
2R
E2
2R
E15
2R
VOUT
12-BIT R-2R LADDER
FOUR MSBs DECODED INTO
15 EQUAL SEGMENTS
Figure 6. Dac Ladder Structure
REFERENCE BUFFER
The AD5066 operates with an external reference. Each of the
four onboard dac’s will have a dedicated voltage reference pin.
In either case the reference input pin has an input range of 2 V
to VDD. This input voltage is then used to provide a buffered
reference for the DAC core.
TO OUTPUT
AMPLIFIER
R
R
R
R
R
Figure 7. Resistor String
SERIAL INTERFACE
The AD5066 has a 3-wire serial interface (SYNC, SCLK, and
DIN) that is compatible with SPI, QSPI, and MICROWIRE
interface standards as well as most DSPs. See Figure 3 for a
timing diagram of a typical write sequence.
STANDALONE MODE
The write sequence begins by bringing the SYNC line low. Data
from the DIN line is clocked into the 32-bit shift register on the
falling edge of SCLK. The serial clock frequency can be as high
as 50 MHz, making the AD5066 compatible with high speed
DSPs. On the 32nd falling clock edge, the last data bit is clocked
in and the programmed function is executed, that is, a change
in DAC register contents and/or a change in the mode of
operation. At this stage, the SYNC line can be kept low or be
brought high. In either case, it must be brought high for a
minimum of 15 ns before the next write sequence so that a
falling edge of SYNC can initiate the next write sequence.
Because the SYNC buffer draws more current when VIN = 2 V
than it does when VIN = 0.8 V, SYNC should be idled low
between write sequences for even lower power operation of the
part. As is mentioned previously, however, SYNC must be
brought high again just before the next write sequence.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com