Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7984BCPZ Datasheet(PDF) 13 Page - Analog Devices

Part # AD7984BCPZ
Description  18-Bit, 1.33 MSPS PulSAR 10.5 mW ADC in MSOP/QFN
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7984BCPZ Datasheet(HTML) 13 Page - Analog Devices

Back Button AD7984BCPZ Datasheet HTML 9Page - Analog Devices AD7984BCPZ Datasheet HTML 10Page - Analog Devices AD7984BCPZ Datasheet HTML 11Page - Analog Devices AD7984BCPZ Datasheet HTML 12Page - Analog Devices AD7984BCPZ Datasheet HTML 13Page - Analog Devices AD7984BCPZ Datasheet HTML 14Page - Analog Devices AD7984BCPZ Datasheet HTML 15Page - Analog Devices AD7984BCPZ Datasheet HTML 16Page - Analog Devices AD7984BCPZ Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
AD7984
Rev. 0 | Page 13 of 24
Transfer Functions
The ideal transfer characteristic for the AD7984 is shown in
Figure 22 and Table 7.
100 ... 000
100 ... 001
100 ... 010
011 ... 101
011 ... 110
011 ... 111
ANALOG INPUT
+FSR – 1.5 LSB
+FSR – 1 LSB
–FSR + 1 LSB
–FSR
–FSR + 0.5 LSB
Figure 22. ADC Ideal Transfer Function
Table 7. Output Codes and Ideal Input Voltages
Description
Analog Input
VREF = 5 V
Digital Output
Code (Hex)
FSR − 1 LSB
+4.999962 V
0x1FFFF1
Midscale + 1 LSB
+38.15 μV
0x00001
Midscale
0 V
0x00000
Midscale − 1 LSB
−38.15 μV
0x3FFFF
−FSR + 1 LSB
−4.999962 V
0x20001
−FSR
−5 V
0x200002
1 This is also the code for an overranged analog input (VIN+ − VIN− above VREF − VGND).
2 This is also the code for an underranged analog input (VIN+ − VIN− below VGND).
TYPICAL CONNECTION DIAGRAM
Figure 23 shows an example of the recommended connection
diagram for the AD7984 when multiple supplies are available.
2.7nF
15Ω
V–
0 TO VREF
V+
4
2.7nF
15Ω
V–
VREF TO 0
V+
4
10µF2
REF1
REF
VDD
VIO
GND
IN+
IN–
SDI
SCK
SDO
CNV
AD7984
100nF
100nF
3-WIRE INTERFACE
2.5V
1.8V TO 5V
V+
ADA48412, 3
NOTES
1SEE VOLTAGE REFERENCE INPUT SECTION FOR REFERENCE SELECTION.
2CREF IS USUALLY A 10µF CERAMIC CAPACITOR (X5R).
SEE RECOMMENDED LAYOUT IN FIGURE 40 AND FIGURE 41.
3SEE DRIVER AMPLIFIER CHOICE SECTION.
4OPTIONAL FILTER. SEE ANALOG INPUTS SECTION.
Figure 23. Typical Application Diagram with Multiple Supplies



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com