Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7984BCPZ Datasheet(PDF) 19 Page - Analog Devices

Part # AD7984BCPZ
Description  18-Bit, 1.33 MSPS PulSAR 10.5 mW ADC in MSOP/QFN
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7984BCPZ Datasheet(HTML) 19 Page - Analog Devices

Back Button AD7984BCPZ Datasheet HTML 15Page - Analog Devices AD7984BCPZ Datasheet HTML 16Page - Analog Devices AD7984BCPZ Datasheet HTML 17Page - Analog Devices AD7984BCPZ Datasheet HTML 18Page - Analog Devices AD7984BCPZ Datasheet HTML 19Page - Analog Devices AD7984BCPZ Datasheet HTML 20Page - Analog Devices AD7984BCPZ Datasheet HTML 21Page - Analog Devices AD7984BCPZ Datasheet HTML 22Page - Analog Devices AD7984BCPZ Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
AD7984
Rev. 0 | Page 19 of 24
CS MODE, 4-WIRE WITHOUT BUSY INDICATOR
This mode is usually used when multiple AD7984s are connected
to an SPI-compatible digital host.
A connection diagram example using two AD7984s is shown in
Figure 32, and the corresponding timing is given in Figure 33.
With SDI high, a rising edge on CNV initiates a conversion,
selects the CS mode, and forces SDO to high impedance. In this
mode, CNV must be held high during the conversion phase and
the subsequent data readback (if SDI and CNV are low, SDO is
driven low). Prior to the minimum conversion time, SDI can be
used to select other SPI devices, such as analog multiplexers,
but SDI must be returned high before the minimum conversion
time elapses and then held high for the maximum possible
conversion time to avoid the generation of the busy signal
indicator. When the conversion is complete, the AD7984
enters the acquisition phase and goes into standby mode. Each
ADC result can be read by bringing its SDI input low, which
consequently outputs the MSB onto SDO. The remaining data
bits are then clocked by subsequent SCK falling edges. The data
is valid on both SCK edges. Although the rising edge can be
used to capture the data, a digital host using the SCK falling
edge allows a faster reading rate, provided it has an acceptable
hold time. After the 18th SCK falling edge or when SDI goes
high (whichever occurs first), SDO returns to high impedance
and another AD7984 can be read.
AD7984
SDI
SDO
CNV
SCK
CONVERT
DATA IN
CLK
DIGITAL HOST
CS1
CS2
AD7984
SDI
SDO
CNV
SCK
Figure 32. CS Mode, 4-Wire Without Busy Indicator Connection Diagram
SDO
D17
D16
D15
D1
D0
tDIS
SCK
12
3
34
35
36
tHSDO
tDSDO
tEN
CONVERSION
ACQUISITION
tCONV
tCYC
tACQ
ACQUISITION
SDI(CS1)
CNV
tSSDICNV
tHSDICNV
D1
16
17
tSCK
tSCKL
tSCKH
D0
D17
D16
19
20
18
SDI(CS2)
Figure 33. CS Mode, 4-Wire Without Busy Indicator Serial Interface Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com