Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2456 Datasheet(PDF) 12 Page - Monolithic Power Systems

Part # MP2456
Description  0.5A, 50V, 1.2MHz Step-Down Converter in a TSOT23-6
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2456 Datasheet(HTML) 12 Page - Monolithic Power Systems

Back Button MP2456 Datasheet HTML 6Page - Monolithic Power Systems MP2456 Datasheet HTML 7Page - Monolithic Power Systems MP2456 Datasheet HTML 8Page - Monolithic Power Systems MP2456 Datasheet HTML 9Page - Monolithic Power Systems MP2456 Datasheet HTML 10Page - Monolithic Power Systems MP2456 Datasheet HTML 11Page - Monolithic Power Systems MP2456 Datasheet HTML 12Page - Monolithic Power Systems MP2456 Datasheet HTML 13Page - Monolithic Power Systems MP2456 Datasheet HTML 14Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
MP2456 – 0.5A, 50V, 1.2MHz, STEP-DOWN CONVERTER IN A TSOT23-6
MP2456 Rev. 1.01
www.MonolithicPower.com
12
1/24/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
PGND
C1
L1
D1
R1
R2
C2
SGND
1
2
Figure 2: PCB Layout
External Bootstrap Diode
An external bootstrap diode may enhance
regulator
efficiency
under
the
following
conditions:
VOUT=5V or 3.3V; and
High duty cycle: D=
IN
OUT
V
V
>65%
In these cases, add an external BST diode from
the output of the voltage regulator to the BST
pin, as shown in Figure 3.
MP2456
BST
External BST Diode
IN4148
5V or 3.3V
COUT
L
SW
Figure 3: Optional Bootstrap Diode for Enhanced
Efficiency
The recommended external BST diode is
IN4148, and the BST capacitor is 0.1µF-1µF.
Table 2: Inductor Selection Guide
Part Number
Inductance(uH)
Max DCR(
)
Current Rating(A)
Dimensions
L
WH(mm3)
Wurth
74408943047
4.7
0.05
2.2
4.8
4.83.8
74408942100
10
0.125
1.38
4.8
4.82.8
744775133
33
0.13
1.35
7.8
75
TDK
VLCF4028T-4R7N1R5-2
4.7
0.06
1.5
4
4.32.8
CLF5030NIT-100M-D
10
0.1
1.6
5
5.32.7
VLS5045EX-330M
33
0.24
1.3
5
54.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com