Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2456 Datasheet(PDF) 13 Page - Monolithic Power Systems

Part # MP2456
Description  0.5A, 50V, 1.2MHz Step-Down Converter in a TSOT23-6
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2456 Datasheet(HTML) 13 Page - Monolithic Power Systems

Back Button MP2456 Datasheet HTML 6Page - Monolithic Power Systems MP2456 Datasheet HTML 7Page - Monolithic Power Systems MP2456 Datasheet HTML 8Page - Monolithic Power Systems MP2456 Datasheet HTML 9Page - Monolithic Power Systems MP2456 Datasheet HTML 10Page - Monolithic Power Systems MP2456 Datasheet HTML 11Page - Monolithic Power Systems MP2456 Datasheet HTML 12Page - Monolithic Power Systems MP2456 Datasheet HTML 13Page - Monolithic Power Systems MP2456 Datasheet HTML 14Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
MP2456 – 0.5A, 50V, 1.2MHz, STEP-DOWN CONVERTER IN A TSOT23-6
MP2456 Rev. 1.01
www.MonolithicPower.com
13
1/24/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
TYPICAL APPLICATION CIRCUIT
4.7µF
50V
0.1µF
50V
10µH
L1
5V
23.7k
0
47pF
16V
124k
500k
NS
C4
10µF
DFLS160
D1
R2
R1
R3
C5
D2
NS
R6
0
C3
100nF
R4
R5
C1
C2
MP2456
U1
VOUT
GND
GND
VIN
EN
EN
BST
SW
FB
GND
IN
5
4
2
3
6
1
Figure 4
: 5V Output Typical Application Circuit:
4.7µF
50V
0.1µF
50V
33µH
L1
12V
8.2k
0
47pF
16V
113k
500k
NS
C4
22µF
DFLS160
D1
R2
R1
R3
C5
R6
0
C3
100nF
R4
R5
C1
C2
MP2456
U1
VOUT
GND
EN
BST
SW
FB
GND
IN
5
4
2
3
6
1
GND
VIN
EN
Figure 5
: 12V Output Typical Application Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com