Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TZN4M-R2S Datasheet(PDF) 3 Page - Autonics Corporation

Part # TZN4M-R2S
Description  Dual PID auto tuning control
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUTONICS [Autonics Corporation]
Direct Link  https://www.autonics.com/
Logo AUTONICS - Autonics Corporation

TZN4M-R2S Datasheet(HTML) 3 Page - Autonics Corporation

  TZN4M-R2S Datasheet HTML 1Page - Autonics Corporation TZN4M-R2S Datasheet HTML 2Page - Autonics Corporation TZN4M-R2S Datasheet HTML 3Page - Autonics Corporation TZN4M-R2S Datasheet HTML 4Page - Autonics Corporation TZN4M-R2S Datasheet HTML 5Page - Autonics Corporation TZN4M-R2S Datasheet HTML 6Page - Autonics Corporation TZN4M-R2S Datasheet HTML 7Page - Autonics Corporation TZN4M-R2S Datasheet HTML 8Page - Autonics Corporation TZN4M-R2S Datasheet HTML 9Page - Autonics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
H-74
TZN/TZ Series
※RTD: DPt100Ω(3-wire type), JPt100Ω(3-wire type) ※T.C(Thermocouple): K, J, R, E, T, S, W, N
※In case of Analog input, please use T.C(Thermocouple) terminal and be careful about polarity.
TZN4S
TZN4M
TZ4SP
TZ4ST
TZ4M
Connections
EV-1 OUT
250VAC
1A 1a
SV2 IN
Max.5VDC
250
㎂
MAIN OUT
250VAC 3A 1c
Resistive load
SOURCE
100-240VAC 50/60Hz 6VA
24VAC 50/60Hz 8VA
24-48VDC 7W
H
C
L
B'
RTD
T.C
SENSOR
B
A
5
2
10
9
8
1
11
4
3
7
6
MAIN OUT
SSR
Current
12VDC ±3V
30mA Max.
DC4-20mA
Load 600Ω Max.
9
9
10
10
mA
V
MAIN OUT
SSR
Current
12VDC ±3V
30mA Max.
DC4-20mA
Load 600Ω Max.
12
13
mA
V
12
13
SV2 IN
Max.5VDC
250
㎂
MAIN OUT
250VAC 3A 1c
Resistive load
B'
RTD
T.C
SENSOR
B
A
H
C
L
RS485
(A+)
(B-)
PV OUT
DC4-20mA
(Transmission output)
SOURCE:
100-240VAC
50/60Hz 6VA
EV1 OUT
250VAC 1A
EV2 OUT
250VAC 1A
6
5
4
3
2
1
14 15 16
13
12
11
10
9
8
7
EV-1 OUT
250VAC 1A
SV2 IN
Max.5VDC
250
㎂
MAIN OUT
250VAC 3A 1c
Resistive load
PV OUT
DC4-20mA(Transmission output)
EV-2 OUT: 250VAC 1A
SOURCE
100-240VAC 50/60Hz 6VA
24VAC 50/60Hz 8VA
24-48VDC 7W
H
C
L
B'
RTD
T.C
SENSOR
B
A
1
2
3
4
10
11
12
13
14
5
6
7
8
9
MAIN OUT
SUB OUT
SSR
Current
PV transmission
output
12VDC ±3V
30mA Max.
DC4-20mA
Load 600Ω Max.
DC4-20mA
Load 600Ω Max.
12
13
12
13
5
6
mA
mA
V
MAIN OUT
SSR
Current
12VDC ±3V
30mA Max.
DC4-20mA
Load 600Ω Max.
3
2
mA
V
3
2
MAIN OUT
SSR
Current
12VDC ±3V
30mA Max.
DC4-20mA
Load 600Ω Max.
7
6
7
6
mA
V
EV1 OUT
250VAC 1A
EV2 OUT
250VAC 1A
SV2 IN
Max.5VDC
250
㎂
MAIN OUT
250VAC 3A 1c
Resistive load
PV OUT
DC4-20mA
(Transmission output)
SOURCE
100-240VAC 50/60Hz 6VA
24VAC 50/60Hz 8VA
24-48VDC 7W
N.O.
N.O.
H
RS485
(A+)
(B-)
C
L
B'
RTD
T.C
SENSOR
B
A
14
13
12
11
10
9
16
15
7
6
5
4
3
2
1
SOURCE:
100-240VAC
50/60Hz 5VA
EV1 OUT
250VAC
1A
SV2 IN
Max.5VDC
250
㎂
MAIN OUT
250VAC 3A 1c
Resistive load
B'
RTD
T.C
SENSOR
B
A
H
C
L
10
9
12
8
11
7
6
5
4
3
2
1
~



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com