Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TZN4M-R2S Datasheet(PDF) 9 Page - Autonics Corporation

Part # TZN4M-R2S
Description  Dual PID auto tuning control
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUTONICS [Autonics Corporation]
Direct Link  https://www.autonics.com/
Logo AUTONICS - Autonics Corporation

TZN4M-R2S Datasheet(HTML) 9 Page - Autonics Corporation

Back Button TZN4M-R2S Datasheet HTML 5Page - Autonics Corporation TZN4M-R2S Datasheet HTML 6Page - Autonics Corporation TZN4M-R2S Datasheet HTML 7Page - Autonics Corporation TZN4M-R2S Datasheet HTML 8Page - Autonics Corporation TZN4M-R2S Datasheet HTML 9Page - Autonics Corporation TZN4M-R2S Datasheet HTML 10Page - Autonics Corporation TZN4M-R2S Datasheet HTML 11Page - Autonics Corporation TZN4M-R2S Datasheet HTML 12Page - Autonics Corporation TZN4M-R2S Datasheet HTML 13Page - Autonics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
H-80
TZN/TZ Series
A) In case of sensor input : K(CA), J(IC), R(PR), E(CR), T(CC), S(PR), N(NN), W(TT), DPt 100Ω, JPt 100Ω
B) In case of voltage input : 1-5VDC, 0-10VDC
C) In case of current input : DC4-20mA
SW1
SW1
SW1
SW2
SW2
SW2
SW1:1
SW1:2
SW1:2
SW2: V
SW2: V
SW2:
mA
1 1
2 2
2 2
V
V
V
mA
mA
mA
Input type and range
Input type switch
※Factory default of input type switch: Temperature sensor input.
※Please select B) or C) according to input specification when it is voltage or current.
Input type
Display
Input range(
℃)
Input range(
℉)
Thermocouple
K(CA) H
KCaH
-100 to 1300
℃
-148 to 2372
℉
K(CA) L
KCaL
-100.0 to 999.9
℃
This mode cannot be used as
℉
J(IC) H
JIcH
0 to 800
℃
32 to 1472
℉
J(IC) L
JIcL
0.0 to 800.0
℃
This mode cannot be used as
℉
R(PR)
R PR
0 to 1700
℃
32 to 3092
℉
E(CR) H
ECrH
0 to 800
℃
32 to 1472
℉
E(CR) L
ECrL
0 .0~800.0
℃
This mode cannot be used as
℉
T(CC) H
TCcH
-200 to 400
℃
-328 to 752
℉
T(CC) L
TCcL
-199.9 to 400.0
℃
This mode cannot be used as
℉
S(PR)
S PR
0 to 1700
℃
32 to 3092
℉
N(NN)
NN
0 to 1300
℃
32 to 2372
℉
W(TT)
U TT
0 to 2300
℃
32 to 4172
℉
RTD
JPt100Ω H
JPtH
0 to 500
℃
32 to 932
℉
JPt100Ω L
JPtL
-199.9 to 199.9
℃
-199.9 to 391.8
℉
DPt100Ω H
DPtH
0 to 500
℃
32 to 932
℉
DPt100Ω L
DPtL
-199.9 to 199.9
℃
-199.9 to 391.8
℉
Analog input
0-10VDC
A--1
-1999 to 9999
℃
-1999 to 9999
℉
1-5VDC
A--2
-1999 to 9999
℃
-1999 to 9999
℉
DC4-20mmA
A--3
-1999 to 9999
℃
-1999 to 9999
℉



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com