Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TZN4M-R2S Datasheet(PDF) 7 Page - Autonics Corporation

Part # TZN4M-R2S
Description  Dual PID auto tuning control
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUTONICS [Autonics Corporation]
Direct Link  https://www.autonics.com/
Logo AUTONICS - Autonics Corporation

TZN4M-R2S Datasheet(HTML) 7 Page - Autonics Corporation

Back Button TZN4M-R2S Datasheet HTML 3Page - Autonics Corporation TZN4M-R2S Datasheet HTML 4Page - Autonics Corporation TZN4M-R2S Datasheet HTML 5Page - Autonics Corporation TZN4M-R2S Datasheet HTML 6Page - Autonics Corporation TZN4M-R2S Datasheet HTML 7Page - Autonics Corporation TZN4M-R2S Datasheet HTML 8Page - Autonics Corporation TZN4M-R2S Datasheet HTML 9Page - Autonics Corporation TZN4M-R2S Datasheet HTML 10Page - Autonics Corporation TZN4M-R2S Datasheet HTML 11Page - Autonics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
H-78
TZN/TZ Series
Set alarm temperature in SV2.
Set range: Within the rated using range of each sensor.
Set alarm temperature in EV-1.
Set range: Within the rated using range of each sensor.
Set alarm temperature in EV-2.
Set range: Within the rated using range of each sensor.
If press MD key for 3sec., it will go to parameter 1 group.
Set monitoring time of loop break alarm.
Set range: 0 to 999 sec.
Set interval between ON and OFF for alarm output.
Set range: 1 to 100
℃ (0.1 to 100.0℃)
※It is only displayed for temperature alarm output.
Set proportional band. / Set range: 0.0 to 100.0%.
※If setting value P as 0.0, it will be ON/OFF control.
Set integral time. / Set range: 0 to 3600 sec.
※If setting value I as 0 sec., this function will be OFF.
※It is not displayed when P is 0.0. (ON/OFF control)
Set derivative time. / Set range: 0 to 3600 sec.
※If setting value D as 0 sec., this function will be OFF.
※It is not displayed when P is 0.0. (ON/OFF control)
Set control period cycle. / Set range: 1 to 120 sec.
※In case of SSR output, this value should be small.(Ex: 2sec.)
※It is not displayed when P is 0.0. (ON/OFF control)
Set hysteresis. / Set range: 1 to 100
℃ (0.1 to 100.0℃)
※It is only displayed for ON/OFF control.
Correct the error in input sensor.
Set range: -49 to 50
℃ (-50.0 to 50.0℃)
Set manual reset value. / Set range: 0.0 to 100.0%
※It is only displayed for P control.
Set ramp rising-time. / Set range: 1 to 99 min.
※It displayed only when selecting Ramp function in setting 2 group.
Set ramp falling-time. / Set range: 1 to 99 min.
※It is displayed when selecting Ramp function at parameter 2 group.
Cancel the lock function for OFF.
This function is for locking the setting value.(available to operate AT Key)
Select ON1, changing setting value in the parameter 1 group and AT key in the front
panel cannot be changed.
SV2
(Setting value 2)
AL1
setting value
AL2
setting value
Loop break
alarm
Alarm
hysteresis
Proportional
band
Integral time
Derivative time
Control time
Hysteresis
Input
correction
Manual reset
RAMP rising
RAMP-up time
RAMP falling
RAMP-down time
Lock
Flow chart for parameter 1 group
※Press
( ) key and the right digit of SV display part flashes. Press
( ) or
( ) key and move to the desired digit.
Press
( ),
( ) keys to change SV and press MD key to complete the set. Press MD key again and it moves to next parameter.
※After completing setting at each parameter, press MD key for 3 sec. and it returns to RUN mode.
※If no key touched for 60sec., it will return to RUN mode automatically.
※
This parameter [ AL1, AL2, LBA, I, D, T, HYS, REST, RAPU, RAPD ] might not be displayed depending on other parameter settings.
Factory defaults(Parameter 1 group)
Parameter
Factory default Parameter
Factory default Parameter
Factory default Parameter
Factory default
SU-2
0
AHYS
2
T
20
RAPU
10
AL1
10
P
#0
HYS
2
RAPD
10
AL2
10
I
0
IN-B
0
LOC
OFF
LBA
600
D
0
REST
)0
Run mode
MD
MD
MD
MD
MD
MD
MD
MD
MD
MD
MD
MD
MD
MD
MD
AL1
10
I
0
LBA
999
T
20
RAPU
10
AL2
10
D
0
REST
)0
AHYS
2
HYS
2
RAPD
10
ON
ON1
SU-2
0
P
#0
IN-B
0
LOC
OFF
MD
3sec.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com