Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TZN4L-R2S Datasheet(PDF) 8 Page - Autonics Corporation

Part # TZN4L-R2S
Description  Dual PID auto tuning control
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUTONICS [Autonics Corporation]
Direct Link  https://www.autonics.com/
Logo AUTONICS - Autonics Corporation

TZN4L-R2S Datasheet(HTML) 8 Page - Autonics Corporation

Back Button TZN4L-R2S Datasheet HTML 4Page - Autonics Corporation TZN4L-R2S Datasheet HTML 5Page - Autonics Corporation TZN4L-R2S Datasheet HTML 6Page - Autonics Corporation TZN4L-R2S Datasheet HTML 7Page - Autonics Corporation TZN4L-R2S Datasheet HTML 8Page - Autonics Corporation TZN4L-R2S Datasheet HTML 9Page - Autonics Corporation TZN4L-R2S Datasheet HTML 10Page - Autonics Corporation TZN4L-R2S Datasheet HTML 11Page - Autonics Corporation TZN4L-R2S Datasheet HTML 12Page - Autonics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
H-79
(A)
Photo
electric
sensor
(B)
Fiber
optic
sensor
(C)
Door/Area
sensor
(D)
Proximity
sensor
(E)
Pressure
sensor
(F)
Rotary
encoder
(G)
Connector/
Socket
(H)
Temp.
controller
(I)
SSR/
Power
controller
(J)
Counter
(K)
Timer
(L)
Panel
meter
(M)
Tacho/
Speed/ Pulse
meter
(N)
Display
unit
(O)
Sensor
controller
(P)
Switching
mode power
supply
(Q)
Stepper
motor&
Driver&Controller
(R)
Graphic/
Logic
panel
(S)
Field
network
device
(T)
Software
(U)
Other
Dual PID Auto Tuning Control
Parameter 2 group
Parameter
Factory default Parameter
Factory default Parameter
Factory default Parameter
Factory default
IN-T
KCaH
AL-T
AL-A
PIDT
PIdS
H-SC
1300
EU-1
AL-1
AtT
TVN1
O-FT
HEAT
L-SC
-100
EU-2
AL-2
RAMP
OFF
UNIT
?C
LOC
OFF
※Press
( ) key and the right digit of SV display part flashes. Press
( ) or
( ) key and move to the desired digit.
Press
( ),
( ) keys to change SV and press MD key to complete the set. Press MD key again and it moves to next parameter.
※After completing setting at each parameter, press MD key for 3 sec. and it returns to RUN mode.
※If no key touched for 60sec., it will return to RUN mode automatically.
※1: It may not be displayed by input type switch.
※2: This is displayed only for model with High/Low-limit of transmission output.
Factory defaults(Parameter 2 group)
IN-T Input type: Select from 19 type
L-SC Set scaling low limit (include analog output)
EU-1 Event 1: Select from 9 type
DOT Select decimal point position for Analog input
EU-2 Event 2: Select from 9 type
FS-H Set the high-limit when retransmission output is applied. (20mA)
AL-T Alarm type: Select from 4 type
FS-L Set the low-limit when retransmission output is applied. (4mA)
AtT Auto-tuning: Selectable TUN1 or TUN2.
RAMP Able to set ON and OFF of Ramp function.
PIDT PID: Selectable PIDF or PIDS.
BPS Set communication speed
O-FT Selectable heat-function or cool-function
ADRS Set communication address(01 to 99)
UNIT Temperature unit:
℃ or ℉
LOC The data cannot be changed when the lock key is ON
H-SC Set scaling high limit (include analog output)
If pressing MD +
key for 3sec. at once in RUN state, it will go to parameter 2 group.
Input type
Event 1
mode
Alarm type
PID type
Control
operating
type
Temperature
unit
※2
※2
Input type
Lock
※2
Event 2
mode
Auto-tuning
type
Scaling
high limit
Transmission
output
low limit
Communication
address
Communication
speed
Ramp
function
Transmission
output
high limit
Scaling
low limit
※1
Decimal
point
※1
IN-T
KCaH
JIcH
JIcL
R PR
ECrL
ECrH
TCcH
TCcL
S PR
NN
U TT
JPtH
KCaL
JPtL
DPtH
DPtL
A--1
A--2
A--3
EU-1
LBA
SBA
AL-0
AL-1
AL-2
AL-4
AL-3
AL-5
AL-6
EU-2
LBA
SBA
AL-0
AL-1
AL-2
AL-4
AL-3
AL-5
AL-6
AL-T
AL-A
AL-B
AL-C
AL-D
IN-T
AtT
TVN1
TVN2
LOC
OFF
ON
PIDT
PIdS
PIdF
ADRS
01
O-FT
HEAT
COOL
BPS
2400
4800
9600
UNIT
?C
?F
H-SC
1300
RAMP
OFF
ON
L-SC
-100
FS-L
-100
FS-H
1300
DOT
0
)0
)00
)000
MD
MD
MD
MD
MD
MD
MD
MD
MD
MD
MD
MD
MD
MD
MD
MD
MD
Run mode
MD
+ 3sec.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com