Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TZN4L-R2S Datasheet(PDF) 10 Page - Autonics Corporation

Part # TZN4L-R2S
Description  Dual PID auto tuning control
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUTONICS [Autonics Corporation]
Direct Link  https://www.autonics.com/
Logo AUTONICS - Autonics Corporation

TZN4L-R2S Datasheet(HTML) 10 Page - Autonics Corporation

Back Button TZN4L-R2S Datasheet HTML 6Page - Autonics Corporation TZN4L-R2S Datasheet HTML 7Page - Autonics Corporation TZN4L-R2S Datasheet HTML 8Page - Autonics Corporation TZN4L-R2S Datasheet HTML 9Page - Autonics Corporation TZN4L-R2S Datasheet HTML 10Page - Autonics Corporation TZN4L-R2S Datasheet HTML 11Page - Autonics Corporation TZN4L-R2S Datasheet HTML 12Page - Autonics Corporation TZN4L-R2S Datasheet HTML 13Page - Autonics Corporation TZN4L-R2S Datasheet HTML 14Page - Autonics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
H-81
(A)
Photo
electric
sensor
(B)
Fiber
optic
sensor
(C)
Door/Area
sensor
(D)
Proximity
sensor
(E)
Pressure
sensor
(F)
Rotary
encoder
(G)
Connector/
Socket
(H)
Temp.
controller
(I)
SSR/
Power
controller
(J)
Counter
(K)
Timer
(L)
Panel
meter
(M)
Tacho/
Speed/ Pulse
meter
(N)
Display
unit
(O)
Sensor
controller
(P)
Switching
mode power
supply
(Q)
Stepper
motor&
Driver&Controller
(R)
Graphic/
Logic
panel
(S)
Field
network
device
(T)
Software
(U)
Other
Dual PID Auto Tuning Control
This unit has output for control and sub(alarm) output. Sub output is optional. (This alarm output is relay contact(1a) and
operates regardless of output for control.) Alarm output operates when the temperature of target is getting higher or lower
than setting value.
Select one among 6 alarm operations [AL-1
/2/3/4/5/6] of event 1, 2[EU-1, EU-2] at parameter 2 group and set alarm
temperature (deviation or absolute temperature) in AL1, AL2 alarm temperature[AL1
, AL2] at parameter 1 group.
● Since EU-1 and EU-2 operate separately, both EU-1 and EU-2 can be used as a high or low 2nd alarm operation.
● When selecting LBA or SBA function in EU-1
, EU-2 of parameter 2 group, alarm cannot be operated.
Alarm
Alarm operation
Alarm option
Mode
Name
Description
AL-A
Standard alarm
If it is an alarm condition, alarm output is ON. If it is a clear alarm condition, alarm output is OFF.
AL-B
Alarm latch
If it is an alarm condition, alarm output is ON and maintains ON status.
AL-C
Standby sequence
First alarm condition is ignored and from second alarm condition, standard alarm operates.
When power is supplied and it is an alarm condition, this first alarm condition is ignored and from the
second alarm condition, standard alarm operates.
AL-D
Alarm latch and
standby sequence
If it is an alarm condition, it operates both alarm latch and standby sequence. When power is supplied
and it is an alarm condition, this first alarm condition is ignored and from the second alarm condition,
alarm latch operates.
Mode
Name
Alarm operation
Description
AL-0
-
-
No alarm output
AL-1
Deviation
high-limit
alarm
SV
100
℃
PV
110
℃
OFF
ON
H
PV
90
℃
SV
100
℃
OFF
ON
H
If deviation between PV and SV as high-
limit is higher than set value of deviation
temperature, the alarm output will be ON.
High deviation: Set as 10
℃
High deviation: Set as -10
℃
AL-2
Deviation
low-limit
alarm
PV
90
℃
SV
100
℃
OFF
ON
H
SV
100
℃
PV
110
℃
OFF
ON
H
If deviation between PV and SV as low-
limit is higher than set value of deviation
temperature, the alarm output will be ON.
Lower deviation: Set as 10
℃ Lower deviation: Set as -10℃
AL-3
Deviation
high/low-limit
alarm
PV
90
℃
PV
120
℃
SV
100
℃
OFF
ON
ON
H
H
If deviation between PV and SV as
high/low-limit is higher than set value of
deviation temperature, the alarm output
will be ON.
Lower deviation: Set as 10
℃, High deviation: Set as 20℃
AL-4
Deviation
high/low-limit
reserve alarm
PV
90
℃
PV
120
℃
SV
100
℃
OFF
OFF
ON
H
H
If deviation between PV and SV as
high/low-limit is higher than set value of
deviation temperature, the alarm output
will be OFF.
Lower deviation: Set as 10
℃, High deviation: Set as 20℃
AL-5
Absolute
value high
limit alarm
PV
90
℃
SV
100
℃
OFF
ON
H
SV
100
℃
PV
110
℃
OFF
ON
H
If PV is higher than the absolute value,
the output will be ON.
Absolute-value Alarm:
Set as 90
℃
Absolute-value Alarm:
Set as 110
℃
AL-6
Absolute
value low
limit alarm
PV
90
℃
SV
100
℃
OFF
ON
H
SV
100
℃
PV
110
℃
OFF
ON
H
If PV is lower than the absolute value,
the output will be ON.
Absolute-value Alarm:
Set as 90
℃
Absolute-value Alarm:
Set as 110
℃
SBa
Sensor break Alarm -
It will be ON when it detects sensor
disconnection.
LBa
Loop break Alarm
-
It will be ON when it detects loop break.
※ H: Alarm output hysteresis [ AHYS]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com