Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TZN4L-R2S Datasheet(PDF) 1 Page - Autonics Corporation

Part # TZN4L-R2S
Description  Dual PID auto tuning control
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUTONICS [Autonics Corporation]
Direct Link  https://www.autonics.com/
Logo AUTONICS - Autonics Corporation

TZN4L-R2S Datasheet(HTML) 1 Page - Autonics Corporation

  TZN4L-R2S Datasheet HTML 1Page - Autonics Corporation TZN4L-R2S Datasheet HTML 2Page - Autonics Corporation TZN4L-R2S Datasheet HTML 3Page - Autonics Corporation TZN4L-R2S Datasheet HTML 4Page - Autonics Corporation TZN4L-R2S Datasheet HTML 5Page - Autonics Corporation TZN4L-R2S Datasheet HTML 6Page - Autonics Corporation TZN4L-R2S Datasheet HTML 7Page - Autonics Corporation TZN4L-R2S Datasheet HTML 8Page - Autonics Corporation TZN4L-R2S Datasheet HTML 9Page - Autonics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
H-72
TZN/TZ Series
Dual PID auto tuning control
※1: Only for TZ4SP, TZ4ST, TZ4L, TZN4M Series.
Features
Ordering information
● Dual PID auto tuning function:
High-speed response of PID control to reach to the
desired value fast, low-speed of response of PID control
to minimize the overshoot even though response is a
little bit slow.
● High display accuracy: ±0.3%(by F.S. value of each input)
● 2-Steps auto tuning control function
● Multi-input function
(13 kinds of multi-input selection function):
Temperature sensor, voltage and current selection
function.
● Various sub output function:
Includes in LBA, SBA, 7kinds of alarm output and
4 kinds of alarm option function, PV transmission
output(DC4-20mA), RS485 communication output
● Display the decimal point for analog input
TZ4SP/TZN4S
TZN4
TZ4
TZ4/TZN4
Item
Digit
Size
Auxiliary output
Power supply
※1
Control output
TZ4ST
Etc.
4
M
1
4
R
TZ
R
Relay output
S
SSR drive voltage output
C
Current output(DC4-20mA)
2
24VAC/24-48VDC
4
100-240VAC 50/60Hz
1
Event 1 output
1
Event 1 output
2
Event 1 + Event 2 output
R
Event 1 + PV transmission output(DC4-20mA)
1
Event 1 output
2
Event 1 + Event 2 output
R
Event 1 + PV transmission output(DC4-20mA)
A
Event 1 + Event 2 + PV transmission output(DC4-20mA)
T
Event 1 + RS485 communication output
B
Event 1 + Event 2+RS485 communication output
S
DIN W48×H48mm(terminal type)
SP
DIN W48×H48mm(plug type)
ST
DIN W48×H48mm(terminal type)
M
DIN W72×H72mm
W
DIN W96×H48mm
H
DIN W48×H96mm
L
DIN W96×H96mm
4
9999(4 digit)
TZ
Temperature dontroller(PID)
TZN Temperature dontroller (PID New type)


Similar Description - TZN4L-R2S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AN5033 ETC1-AN5033 Datasheet
170Kb / 3P
TV TUNING CONTROL CIRCUIT
logo
Advantech Co., Ltd.
ADAM-6022 ADVANTECH-ADAM-6022 Datasheet
635Kb / 1P
Ethernet-based Dual-loop PID Controller
logo
List of Unclassifed Man...
PS20250 ETC2-PS20250 Datasheet
703Kb / 23P
Dual COFDM demodulator with PID filters
logo
Extech Instruments Corp...
96VFL11 EXTECH-96VFL11_15 Datasheet
134Kb / 1P
Temperature PID Controllers
logo
Red Lion Controls. Inc
PAX2C REDLION-PAX2C Datasheet
593Kb / 2P
Dual-Line PID Controller
PXU10020 REDLION-PXU10020 Datasheet
564Kb / 3P
PXU PID Controller
PXU10030 REDLION-PXU10030 Datasheet
564Kb / 3P
PXU PID Controller
logo
PHOENIX CONTACT
2730132 PHOENIX-2730132 Datasheet
44Kb / 2P
Control modules for PC WORX, incl. PID
logo
Advantech Co., Ltd.
ADAM-6022 ADVANTECH-ADAM-6022_V02 Datasheet
463Kb / 1P
Ethernet-based Dual-loop PID Controller
13-Aug-2021
logo
List of Unclassifed Man...
TX-SERIES ETC-TX-SERIES Datasheet
1Mb / 15P
LCD Display PID Control Temperature Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com