Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW4272B Datasheet(PDF) 1 Page - TT Electronics.

Part # SW4272B
Description  EXTERNAL DESKTOP POWER SUPPLY 12VDC 36WATT
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

SW4272B Datasheet(HTML) 1 Page - TT Electronics.

  SW4272B Datasheet HTML 1Page - TT Electronics. SW4272B Datasheet HTML 2Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
EXTERNAL DESKTOP POWER
SUPPLY 12VDC 36WATT
POWERPAX: SW4272B
© TT Electronics plc
ISS.3 01/06/2020 Page: 1
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
TT Electronics IoT Solutions Ltd
Tofts Farm East, Brenda Road, Hartlepool, TS25 2BQ, UK
t: +44 (0) 1429 852 500
Features:
•
Universal Input
•
IEC-320-C8 Input Connector
•
3 Year Warranty
•
Efficiency Level VI
Description:
Our Range of 36 watt AC/DC switch mode power supplies provide 36 watts of continuous output power in a high quality
compact enclosure suitable for many general power applications.
Specification
Part Code
SW4272B
Input Voltage Range
100 → 240Vac
Input Frequency Range
50/60Hz +/-3Hz
Input Connector
IEC 320-C8
Input Current Rated
1.0A max.@ Full load & 100Vac input
Inrush Current
No Damage
Leakage Current
<0.25mA
Efficiency
88.30% Min
Power Consumption
Max. 0.075W
Output Voltage Rating
12 VDC
Output Current Range
3A
Total Power
36W
Output Connection Type
2.1x5.5x12mm centre positive—Straight
Over Voltage Protection
20Vmax
Over Current Protection
The power supply will be protection when output power at 110-
200% of all rated dc output
Short Circuit Protection
No Damage
Ripple Voltage
150 mV Max.
Hi-Pot
3000 Vac 10mA 1 min
Safety Approved
UL / CUL / CE / CCC
EMC Standard
FCC Class B
EN55022, Class B
EN 55024, EN 61000-4-2
EN 55024, EN 61000-4-3
EN 55024, EN 61000-4-4
EN 55024, EN 61000-4-5
Operating Temperature Range
0°C → +40°C
Storage Temperature
-20°C → +70°C
Operating Humidity
10% to 95%
Storage Humidity
10% to 95%
Dimensions
110.8 (L) x 48 (W) x 33.6 (H) mm
Product Weight
175g
MTBF
50K Hrs.
Regulator Type
Switched Mode Power Supply


Similar Part No. - SW4272B

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
SW42 ALPHAWIRE-SW42 Datasheet
387Kb / 3P
RoHS-Compliant Commencing With 10/1/2004 Production
logo
Shenzhen Sunnyway Batte...
SW425 SUNNYWAY-SW425 Datasheet
346Kb / 1P
General Battery
logo
TT Electronics.
SW4264B TTELEC-SW4264B Datasheet
357Kb / 2P
INSTALLATION POWER SUPPLY 12VDC 60WATT
01/06/2020
SW4265 TTELEC-SW4265 Datasheet
242Kb / 2P
INSTALLATION POWER SUPPLY 24VDC 65WATT
01/06/2020
SW4295F TTELEC-SW4295F Datasheet
344Kb / 2P
EXTERNAL DESKTOP POWER SUPPLY 5VDC 20WATT
22/05/2020
More results

Similar Description - SW4272B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CUP45 ETC1-CUP45 Datasheet
209Kb / 2P
AC/DC External Desktop 45 Watts
logo
rfsolutions.ltd
PSU-12V1AIN-IP-1 RFSOLUTIONS-PSU-12V1AIN-IP-1 Datasheet
234Kb / 3P
Waterproof 12Vdc Power Supply IP67
logo
List of Unclassifed Man...
MCEXT12V15WC2 ETC2-MCEXT12V15WC2 Datasheet
180Kb / 3P
External Power Supply
FWC100012A-12B ETC2-FWC100012A-12B Datasheet
114Kb / 3P
100 Watt ITE Desktop Power Supply
logo
Mean Well Enterprises C...
ENP-180 MEANWELL-ENP-180 Datasheet
103Kb / 4P
180W Level Desktop Type Power Supply
ENP-240 MEANWELL-ENP-240 Datasheet
102Kb / 4P
240W Level Desktop Type Power Supply
logo
rfsolutions.ltd
PSU-12V1AIN-IP RFSOLUTIONS-PSU-12V1AIN-IP Datasheet
1Mb / 3P
Waterproof 12Vdc Power Supply IP67
logo
Contec Co., Ltd
CPS-PWD-15AW12-01 CONTEC-CPS-PWD-15AW12-01 Datasheet
388Kb / 2P
12VDC AC-DC Power Supply Unit
logo
CUI INC
SDM120-U CUI-SDM120-U Datasheet
637Kb / 6P
EXTERNAL AC-DC POWER SUPPLY
01/10/2022
SMI12 CUI-SMI12 Datasheet
734Kb / 6P
EXTERNAL AC-DC POWER SUPPLY
08/12/2021
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com