Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA690 Datasheet(PDF) 2 Page - Texas Instruments

Part # OPA690
Description  Wideband, High Gain VOLTAGE LIMITING AMPLIFIER
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA690 Datasheet(HTML) 2 Page - Texas Instruments

  OPA690 Datasheet HTML 1Page - Texas Instruments OPA690 Datasheet HTML 2Page - Texas Instruments OPA690 Datasheet HTML 3Page - Texas Instruments OPA690 Datasheet HTML 4Page - Texas Instruments OPA690 Datasheet HTML 5Page - Texas Instruments OPA690 Datasheet HTML 6Page - Texas Instruments OPA690 Datasheet HTML 7Page - Texas Instruments OPA690 Datasheet HTML 8Page - Texas Instruments OPA690 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 33 page
background image
OPA699
2
SBOS261D
www.ti.com
SPECIFIED
PACKAGE
TEMPERATURE
PACKAGE
ORDERING
TRANSPORT
PRODUCT
PACKAGE-LEAD
DESIGNATOR
RANGE
MARKING
NUMBER
MEDIA, QUANTITY
OPA699
SO-8
D
–40
°C to +85°C
OPA699ID
OPA699ID
Rails, 100
""
"
"
"
OPA699IDR
Tape and Reel, 2500
Supply Voltage .................................................................................
±6.5V
Internal Power Dissipation ........................... See Thermal Characteristics
Input Voltage Range ............................................................................
±V
S
Differential Input Voltage .....................................................................
±V
S
Limiter Voltage Range ...........................................................
±(V
S – 0.7V)
Storage Temperature Range: D ..................................... –65
°C to +125°C
Lead Temperature (SO-8, soldering, 3s) ...................................... +260
°C
Junction Temperature .................................................................... +150
°C
ESD Resistance: HBM .................................................................... 2000V
MM ........................................................................ 200V
CDM ................................................................... 1000V
NOTE: (1) Stresses above these ratings may cause permanent damage.
Exposure to absolute maximum conditions for extended periods may degrade
device reliability.
PIN CONFIGURATION
Top View
SO
ABSOLUTE MAXIMUM RATINGS(1)
PACKAGE/ORDERING INFORMATION(1)
SINGLES
DUALS
DESCRIPTION
Output Limiting
OPA698
Unity Gain Stable, Wideband
Voltage Feedback
OPA690
OPA2690
High Slew, Unity Gain Stable
RELATED PRODUCTS
ELECTROSTATIC
DISCHARGE SENSITIVITY
This integrated circuit can be damaged by ESD. Texas Instru-
ments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling
and installation procedures can cause damage.
ESD damage can range from subtle performance degradation
to complete device failure. Precision integrated circuits may be
more susceptible to damage because very small parametric
changes could cause the device not to meet its published
specifications.
1
2
3
4
8
7
6
5
NC
Inverting Input
Noninverting Input
–V
S
V
H
+V
S
Output
V
L
NC = No Connection
NOTE: (1) For the most current package and ordering information, see the Package Option Addendum located at the end of this document, or see the TI website
at www.ti.com.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com