Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA690 Datasheet(PDF) 12 Page - Texas Instruments

Part # OPA690
Description  Wideband, High Gain VOLTAGE LIMITING AMPLIFIER
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA690 Datasheet(HTML) 12 Page - Texas Instruments

Back Button OPA690 Datasheet HTML 8Page - Texas Instruments OPA690 Datasheet HTML 9Page - Texas Instruments OPA690 Datasheet HTML 10Page - Texas Instruments OPA690 Datasheet HTML 11Page - Texas Instruments OPA690 Datasheet HTML 12Page - Texas Instruments OPA690 Datasheet HTML 13Page - Texas Instruments OPA690 Datasheet HTML 14Page - Texas Instruments OPA690 Datasheet HTML 15Page - Texas Instruments OPA690 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 33 page
background image
OPA699
12
SBOS261D
www.ti.com
TYPICAL CHARACTERISTICS: VS = ±5V (Cont.)
TA = +25°C, G = +6, RF = 750Ω, and RL = 500Ω, VH = –VL = 2V, unless otherwise noted.
LIMITER FEEDTHROUGH
Frequency (MHz)
110
100
−45
−50
−55
−60
−65
−70
−75
−80
−85
−90
−95
OPA699
750
Ω
125
Ω
0.02V
PP + 2VDC
150
Ω
V
O
V
H
V
L
Open
CLOSED-LOOP OUTPUT IMPEDANCE
Frequency (Hz)
1M
100M
10M
1G
100
10
1
0.1
0.01
G = +4
V
O = 0.5VPP
CMRR and PSRR(
±) vs TEMPERATURE
Ambient Temperature (
°C)
−50
−25
PSRR+
PSRR–
CMRR
75
50
25
0
100
100
90
80
70
60
50
OUTPUT VOLTAGE AND CURRENT LIMITATIONS
Output Current (mA)
–400
–300
–200
–100
0
200
100
300
400
5
4
3
2
1
0
–1
–2
–3
–4
–5
1W Internal
Power Limit
1W Internal
Power Limit
R
L = 25Ω
V
H = –VL = 4.3V
R
L = 50Ω
R
L = 100Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com