Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA690 Datasheet(PDF) 21 Page - Texas Instruments

Part # OPA690
Description  Wideband, High Gain VOLTAGE LIMITING AMPLIFIER
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA690 Datasheet(HTML) 21 Page - Texas Instruments

Back Button OPA690 Datasheet HTML 17Page - Texas Instruments OPA690 Datasheet HTML 18Page - Texas Instruments OPA690 Datasheet HTML 19Page - Texas Instruments OPA690 Datasheet HTML 20Page - Texas Instruments OPA690 Datasheet HTML 21Page - Texas Instruments OPA690 Datasheet HTML 22Page - Texas Instruments OPA690 Datasheet HTML 23Page - Texas Instruments OPA690 Datasheet HTML 24Page - Texas Instruments OPA690 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 33 page
background image
OPA699
21
SBOS261D
www.ti.com
In general, capacitive loads should be minimized for optimum
high-frequency performance. The capacitance of coax cable
(29pF/ft for RG-58) will not load the amplifier when the
coaxial cable, or transmission line, is terminated in its char-
acteristic impedance.
FREQUENCY RESPONSE COMPENSATION
The OPA699 is internally compensated to be unity-gain
stable, and has a nominal phase margin of 60
° at a gain of
+6. Phase margin and peaking improve at higher gains.
Recall that an inverting gain of –5 is equivalent to a gain of
+6 for bandwidth purposes (that is, noise gain = 6). Standard
external compensation techniques work with this device.
For example, in the inverting configuration, the bandwidth
may be limited without modifying the inverting gain by placing
a series RC network to ground on the inverting node. This
has the effect of increasing the noise gain at high frequen-
cies, which limits the bandwidth.
If a unity-gain stable amplifier is needed, the OPA698 is
recommended.
In applications where a large feedback resistor is required,
such as a photodiode transimpedance amplifier, the parasitic
capacitance from the inverting input to ground causes peak-
ing or oscillations. To compensate for this effect, connect a
small capacitor in parallel with the feedback resistor. The
bandwidth will be limited by the pole that the feedback
resistor and this capacitor create. In other high-gain applica-
tions, use a three-resistor
Tee network to reduce the RC time
constants set by the parasitic capacitances.
PULSE SETTLING TIME
The OPA699 is capable of an extremely fast settling time in
response to a pulse input. Frequency response flatness and
phase linearity are needed to obtain the best settling times.
For capacitive loads, such as an ADC, use the recom-
mended RS in the typical performance curve Recommended
RS vs Capacitive Load. Extremely fine-scale settling (0.01%)
requires close attention to ground return current in the supply
decoupling capacitors.
The pulse settling characteristics, when recovering from
overdrive, are extremely good as shown in the typical char-
acteristics.
DISTORTION
The OPA699 distortion performance is specified for a 500
Ω
load, such as an ADC. Driving loads with smaller resistance
will increase the distortion, as illustrated in Figure 15. Re-
member to include the feedback network in the load resis-
tance calculations.
NOISE PERFORMANCE
High slew rate, voltage-feedback op amps usually achieve
their slew rate at the expense of a higher input noise voltage.
The 4.1nV/
√Hz input voltage noise for the OPA699, how-
ever, is much lower than comparable amplifiers. The input-
referred voltage noise, and the two input-referred current
noise terms, combine to give low output noise under a wide
variety of operating conditions. Figure 16 shows the op amp
noise analysis model with all the noise terms included. In this
model, all noise terms are taken to be noise voltage or
current density terms in either nV/
√Hz or pA/√Hz.
OPA699
C
L
R
L
R
T
R
S
R
G
R
F
V
O
R
L is optional
Load Resistance (
Ω)
100
1k
–55
–60
–65
–70
–75
–80
–85
–90
V
O = 2VPP
f = 5MHz
3rd-Harmonic
See Figure 1
2nd-Harmonic
4kT
R
G
R
G
R
F
R
S
OPA699
I
BI
E
O
I
BN
4kT = 1.6E –20J
at 290
°K
E
RS
E
NI
4kTR
S
√
4kTR
F
√
FIGURE 14. Driving Capacitive Loads.
FIGURE 15. 5MHz Harmonic Distortion vs Load Resistance.
FIGURE 16. Op Amp Noise Analysis Model.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com