Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM1725U/2K Datasheet(PDF) 6 Page - Texas Instruments

Part # PCM1725U/2K
Description  Stereo Audio DIGITAL-TO-ANALOG CONVERTER 16 Bits, 96kHz Sampling
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1725U/2K Datasheet(HTML) 6 Page - Texas Instruments

Back Button PCM1725U/2K Datasheet HTML 2Page - Texas Instruments PCM1725U/2K Datasheet HTML 3Page - Texas Instruments PCM1725U/2K Datasheet HTML 4Page - Texas Instruments PCM1725U/2K Datasheet HTML 5Page - Texas Instruments PCM1725U/2K Datasheet HTML 6Page - Texas Instruments PCM1725U/2K Datasheet HTML 7Page - Texas Instruments PCM1725U/2K Datasheet HTML 8Page - Texas Instruments PCM1725U/2K Datasheet HTML 9Page - Texas Instruments PCM1725U/2K Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
®
6
PCM1725
FIGURE 1. “Normal” Data Input Timing.
FIGURE 2. “I2S” Data Input Timing.
LRCKIN
BCKIN
DIN
1.4V
1.4V
1.4V
t
BCH
t
BCL
t
LB
t
BL
t
DS
BCKIN Pulse Cycle Time
BCKIN Pulse Width High
BCKIN Pulse Width Low
BCKIN Rising Edge to LRCIN Edge
LRCIN Edge to BCKIN Rising Edge
DIN Set-up Time
DIN Hold Time
: t
BCY
: t
BCH
: t
BCL
: t
BL
: t
LB
: t
DS
: t
DH
: 100ns (min)
: 50ns (min)
: 50ns (min)
: 30ns (min)
: 30ns (min)
: 30ns (min)
: 30ns (min)
t
DH
t
BCY
FIGURE 3. Audio Data Input Timing.
SYSTEM CLOCK
The system clock for PCM1725 must be either 256fS or
384fS, where fS is the audio sampling frequency (LRCIN),
typically 32kHz, 44.1kHz or 48kHz. The system clock is
used to operate the digital filter and the noise shaper. The
system clock input (SCKI) is at pin 14. Timing conditions
for SCKI are shown in Figure 4.
System Clock Pulse Width High
tSCKIH
13ns (min)
System Clock Pulse Width Low
tSCKIL
13ns (min)
t
SCKIH
SCKI
t
SCKIL
2.0V
0.8V
FIGURE 4. System Clock Timing Requirements.
14
15
16
1
2
3
14
15
1/fs
L_ch
R_ch
MSB
LSB
16
LRCIN (pin 1)
BCKIN (pin 3)
AUDIO DATA WORD = 16-BIT
DIN (pin 2)
1
2
3
14
15
MSB
LSB
16
1
2
3
14
15
1/fs
L_ch
R_ch
MSB
LSB
16
LRCIN (pin 1)
BCKIN (pin 3)
AUDIO DATA WORD = 16-BIT
DIN (pin 2)
1
2
3
14
15
MSB
LSB
16
2
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com