Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM1725U/2K Datasheet(PDF) 9 Page - Texas Instruments

Part # PCM1725U/2K
Description  Stereo Audio DIGITAL-TO-ANALOG CONVERTER 16 Bits, 96kHz Sampling
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1725U/2K Datasheet(HTML) 9 Page - Texas Instruments

Back Button PCM1725U/2K Datasheet HTML 5Page - Texas Instruments PCM1725U/2K Datasheet HTML 6Page - Texas Instruments PCM1725U/2K Datasheet HTML 7Page - Texas Instruments PCM1725U/2K Datasheet HTML 8Page - Texas Instruments PCM1725U/2K Datasheet HTML 9Page - Texas Instruments PCM1725U/2K Datasheet HTML 10Page - Texas Instruments PCM1725U/2K Datasheet HTML 11Page - Texas Instruments PCM1725U/2K Datasheet HTML 12Page - Texas Instruments PCM1725U/2K Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
®
9
PCM1725
FIGURE 10. 5-Level
∆Σ Modulator Block Diagram.
FIGURE 11. Quantization Noise Spectrum.
Out
48f
S (384fS)
64f
S (256fS)
In
8f
S
18-Bit
+
+
+
4
3
2
1
0
5-level Quantizer
+
–
+
Z–1
+
–
+
Z–1
+
+
Z–1
THEORY OF OPERATION
The delta-sigma section of PCM1725 is based on a 5-level
amplitude quantizer and a 3rd-order noise shaper. This
section converts the oversampled input data to 5-level delta-
sigma format. A block diagram of the 5-level delta-sigma
modulator is shown in Figure 10. This 5-level delta-sigma
modulator has the advantage of stability and clock jitter over
the typical one-bit (2-level) delta-sigma modulator.
The combined oversampling rate of the delta-sigma modu-
lator and the internal 8X interpolation filter is 96fS for a
384fS system clock, and 64fS for a 256fS system clock. The
theoretical quantization noise performance of the 5-level
delta-sigma modulator is shown in Figure 11.
5-LEVEL
∆Σ MODULATOR
Frequency (kHz)
20
0
–20
–40
–60
–80
–100
–120
–140
–160
0
5
10
15
20
25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com