Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM1725U/2K Datasheet(PDF) 1 Page - Texas Instruments

Part # PCM1725U/2K
Description  Stereo Audio DIGITAL-TO-ANALOG CONVERTER 16 Bits, 96kHz Sampling
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1725U/2K Datasheet(HTML) 1 Page - Texas Instruments

  PCM1725U/2K Datasheet HTML 1Page - Texas Instruments PCM1725U/2K Datasheet HTML 2Page - Texas Instruments PCM1725U/2K Datasheet HTML 3Page - Texas Instruments PCM1725U/2K Datasheet HTML 4Page - Texas Instruments PCM1725U/2K Datasheet HTML 5Page - Texas Instruments PCM1725U/2K Datasheet HTML 6Page - Texas Instruments PCM1725U/2K Datasheet HTML 7Page - Texas Instruments PCM1725U/2K Datasheet HTML 8Page - Texas Instruments PCM1725U/2K Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
®
1
PCM1725
Stereo Audio
DIGITAL-TO-ANALOG CONVERTER
16 Bits, 96kHz Sampling
TM
PCM1725
DESCRIPTION
The PCM1725 is a complete low cost stereo audio
digital-to-analog converter (DAC), operating off of a
256fS or 384fS system clock. The DAC contains a 3rd-
order
∆Σ modulator, a digital interpolation filter, and
an analog output amplifier. The PCM1725 accepts
16-bit input data in either normal or I2S formats.
The digital filter performs an 8X interpolation function
and includes de-emphasis at 44.1kHz. The PCM1725
can accept digital audio sampling frequencies from
16kHz to 96kHz, always at 8X oversampling.
The PCM1725 is ideal for low-cost, CD-quality con-
sumer audio applications.
®
FEATURES
q COMPLETE STEREO DAC: Includes Digital
Filter and Output Amp
q DYNAMIC RANGE: 95dB
q MULTIPLE SAMPLING FREQUENCIES:
16kHz to 96kHz
q 8X OVERSAMPLING DIGITAL FILTER
q SYSTEM CLOCK: 256f
S / 384fS
q NORMAL OR I2S DATA INPUT FORMATS
q SMALL 14-PIN SOIC PACKAGE
PCM1725
International Airport Industrial Park • Mailing Address: PO Box 11400, Tucson, AZ 85734 • Street Address: 6730 S. Tucson Blvd., Tucson, AZ 85706 • Tel: (520) 746-1111 • Twx: 910-952-1111
Internet: http://www.burr-brown.com/ • FAXLine: (800) 548-6133 (US/Canada Only) • Cable: BBRCORP • Telex: 066-6491 • FAX: (520) 889-1510 • Immediate Product Info: (800) 548-6132
Serial
Input
I/F
Mode
Control
I/F
8X Oversampling
Digital Filter
SCKI
256f
S/384fS
V
CC
GND
Multi-level
Delta-Sigma
Modulator
V
OUTL
CAP
DAC
Multi-level
Delta-Sigma
Modulator
Low-pass
Filter
Low-pass
Filter
V
OUTR
DAC
FORMAT
LRCIN
DIN
BCKIN
DM
Power Supply
© 1997 Burr-Brown Corporation
PDS-1373C
Printed in U.S.A. January, 1998
SBAS067


Similar Part No. - PCM1725U/2K

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM1725U/2K TI1-PCM1725U/2K Datasheet
647Kb / 14P
DIGITAL-TO-ANALOG CONVERTER
PCM1725U/2KG4 TI1-PCM1725U/2KG4 Datasheet
647Kb / 14P
DIGITAL-TO-ANALOG CONVERTER
More results

Similar Description - PCM1725U/2K

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PCM1716 BURR-BROWN-PCM1716 Datasheet
222Kb / 14P
24-Bit, 96kHz Sampling CMOS Delta-Sigma Stereo Audio DIGITAL-TO-ANALOG CONVERTER
PCM1725 BURR-BROWN-PCM1725 Datasheet
131Kb / 9P
Stereo Audio DIGITAL-TO-ANALOG CONVERTER 16 Bits, 96kHz Sampling
PCM1728 BURR-BROWN-PCM1728 Datasheet
185Kb / 11P
24-Bit, 96kHz Sampling CMOS Delta-Sigma Stereo Audio DIGITAL-TO-ANALOG CONVERTER
PCM1733 BURR-BROWN-PCM1733 Datasheet
129Kb / 9P
Stereo Audio DIGITAL-TO-ANALOG CONVERTER 18 Bits, 96kHz Sampling
PCM1744 BURR-BROWN-PCM1744 Datasheet
83Kb / 9P
24 Bits, 96kHz, Sampling Stereo Audio DIGITAL-TO-ANALOG CONVERTER
PCM1801 BURR-BROWN-PCM1801 Datasheet
101Kb / 13P
16-Bit, Stereo, Audio ANALOG-TO-DIGITAL CONVERTER
PCM1726 BURR-BROWN-PCM1726 Datasheet
132Kb / 9P
Stereo Audio DIGITAL-TO-ANALOG CONVERTER 16 Bits, 96kHz Sampling
logo
Texas Instruments
PCM1716 TI-PCM1716 Datasheet
557Kb / 18P
24-Bit, 96kHz Sampling CMOS Delta-Sigma Stereo Audio DIGITAL-TO-ANALOG CONVERTER
PCM1716E TI1-PCM1716E Datasheet
557Kb / 18P
24-Bit, 96kHz Sampling CMOS Delta-Sigma Stereo Audio DIGITAL-TO-ANALOG CONVERTER
PCM1744U TI1-PCM1744U Datasheet
269Kb / 13P
24 Bits, 96kHz, Sampling Stereo Audio DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com