Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM1730E/2K Datasheet(PDF) 3 Page - Texas Instruments

Part # PCM1730E/2K
Description  24-BIT, 192-kHz SAMPLING ADVANCED SEGMENT, AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1730E/2K Datasheet(HTML) 3 Page - Texas Instruments

  PCM1730E/2K Datasheet HTML 1Page - Texas Instruments PCM1730E/2K Datasheet HTML 2Page - Texas Instruments PCM1730E/2K Datasheet HTML 3Page - Texas Instruments PCM1730E/2K Datasheet HTML 4Page - Texas Instruments PCM1730E/2K Datasheet HTML 5Page - Texas Instruments PCM1730E/2K Datasheet HTML 6Page - Texas Instruments PCM1730E/2K Datasheet HTML 7Page - Texas Instruments PCM1730E/2K Datasheet HTML 8Page - Texas Instruments PCM1730E/2K Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
PCM1730
SLES021 − NOVEMBER 2001
3
www.ti.com
Terminal Functions
TERMINAL
I/O
DESCRIPTION
NAME
PIN
I/O
DESCRIPTION
AGND1
18
−
Analog ground
AGND2
27
−
Analog ground
BCK
6
I
Bit clock input†
DATA
5
I
Serial audio data input†
DEMP0
10
I
De-emphasis control‡
DEMP1
11
I
De-emphasis control‡
DGND
8
−
Digital ground
FMT0
12
I
Audio data format select†
FMT1
13
I
Audio data format select†
FMT2
14
I
Audio data format select†
IOUTL–
26
O
L-channel analog current output –
IOUTL+
25
O
L-channel analog current output +
IOUTR–
16
O
R-channel analog current output –
IOUTR+
17
O
R-channel analog current output +
IREF
21
−
Output current reference bias pin. Connect a 16-k
Ω resistor to GND.
LRCK
4
I
Left and right clock (fS)†
MUTE
15
I
Analog output mute control†
RST
1
I
Reset†
SCKI
7
I
System clock input†
VCC1
23
−
Analog supply, 5 V
VCC2
24
−
Analog supply, 5 V
VCC3
28
−
Analog power supply, 5 V
VCOM1
19
−
Internal bias decoupling pin
VCOM2
20
−
Common voltage for I/V
VCOM3
22
−
Internal bias decoupling pin
VDD
9
−
Digital supply, 3.3 V
ZEROL
2
O
Zero flag for L-channel
ZEROR
3
O
Zero flag for R-channel
† Schmitt-trigger input, 5-V tolerant
‡ Schmitt-trigger input with internal pulldown, 5-V tolerant



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com