Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM1730E/2K Datasheet(PDF) 5 Page - Texas Instruments

Part # PCM1730E/2K
Description  24-BIT, 192-kHz SAMPLING ADVANCED SEGMENT, AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1730E/2K Datasheet(HTML) 5 Page - Texas Instruments

  PCM1730E/2K Datasheet HTML 1Page - Texas Instruments PCM1730E/2K Datasheet HTML 2Page - Texas Instruments PCM1730E/2K Datasheet HTML 3Page - Texas Instruments PCM1730E/2K Datasheet HTML 4Page - Texas Instruments PCM1730E/2K Datasheet HTML 5Page - Texas Instruments PCM1730E/2K Datasheet HTML 6Page - Texas Instruments PCM1730E/2K Datasheet HTML 7Page - Texas Instruments PCM1730E/2K Datasheet HTML 8Page - Texas Instruments PCM1730E/2K Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
PCM1730
SLES021 − NOVEMBER 2001
5
www.ti.com
electrical characteristics, all specifications at TA = 25°C, VCC = 5 V, VDD = 3.3 V, fS = 44.1 kHz, system
clock = 256 fS and 24-bit data (unless otherwise noted) (continued)
PARAMETER
TEST CONDITIONS
PCM1730E
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DYNAMIC PERFORMANCE (see Note 3)
Total harmonic distortion plus
fS = 44.1 kHz
0.0004%
0.008%
THD+N
Total harmonic distortion plus
noise
VOUT = 0 dB
fS = 96 kHz
0.0006%
THD+N
noise
VOUT = 0 dB
fS = 192 kHz
0.0012%
EIAJ, A-weighted, fS = 44.1 kHz
114
117
Dynamic range
EIAJ, A-weighted, fS = 96 kHz
117
dB
Dynamic range
EIAJ, A-weighted, fS = 192 kHz
117
dB
EIAJ, A-weighted, fS = 44.1 kHz
114
117
Signal-to-noise ratio
EIAJ, A-weighted, fS = 96 kHz
117
dB
Signal-to-noise ratio
EIAJ, A-weighted, fS = 192 kHz
117
dB
fS = 44.1 kHz
110
115
Channel separation
fS = 96 kHz
113
dB
Channel separation
fS = 192 kHz
111
dB
Level linearity error
VOUT = –110 dB
±1
dB
DC ACCURACY
VCOM2 voltage
2.45
V
VCOM2 output current
Delta VCOM2 < 5%
100
µA
Gain error
±2
%/FSR
Gain mismatch, channel-to-
channel
±0.5
%/FSR
Bipolar zero error
At BPZ
±0.5
%/FSR
ANALOG OUTPUT
Output current
Full scale (−0 dB)
±2.48
mAp-p
Center current
BPZ input
0
mAp-p
DIGITAL FILTER PERFORMANCE—FILTER CHARACTERISTICS
Pass band
±0.002 dB
0.454 fS
Pass band
−3 dB
0.49 fS
Stop band
0.546 fS
Pass-band ripple
−75
±0.002
dB
Stop-band attenuation
Stop band = 0.546 fS
dB
Stop-band attenuation
Stop band = 0.567 fS
−82
dB
Delay time
29/fS
s
De-emphasis error
±0.1
dB
NOTE 3: Analog performance specifications are measured by audio precision II under averaging mode. At 44.1-kHz operation, measurement
bandwidth is limited to 20 kHz. At 96-kHz and 192-kHz operation, measurement bandwidth is limited to 40 kHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com