Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM1730E/2K Datasheet(PDF) 1 Page - Texas Instruments

Part # PCM1730E/2K
Description  24-BIT, 192-kHz SAMPLING ADVANCED SEGMENT, AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1730E/2K Datasheet(HTML) 1 Page - Texas Instruments

  PCM1730E/2K Datasheet HTML 1Page - Texas Instruments PCM1730E/2K Datasheet HTML 2Page - Texas Instruments PCM1730E/2K Datasheet HTML 3Page - Texas Instruments PCM1730E/2K Datasheet HTML 4Page - Texas Instruments PCM1730E/2K Datasheet HTML 5Page - Texas Instruments PCM1730E/2K Datasheet HTML 6Page - Texas Instruments PCM1730E/2K Datasheet HTML 7Page - Texas Instruments PCM1730E/2K Datasheet HTML 8Page - Texas Instruments PCM1730E/2K Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
PCM1730
SLES021 − NOVEMBER 2001
24BIT, 192kHz SAMPLING ADVANCED SEGMENT, AUDIO
STEREO DIGITALTOANALOG CONVERTER
1
www.ti.com
FEATURES
D 24-Bit Resolution
D Analog Performance (VCC = 5 V):
− Dynamic Range: 117 dB (Typically)
− SNR: 117 dB (Typically)
− THD+N: 0.0004% (Typically)
− Full-Scale Output (At Post Amp): 2.2-Vrms
D Differential Current Output: ±2.48 mA
D 8× Oversampling Digital Filter:
− Stop-Band Attenuation: −82 dB
− Pass-Band Ripple:
±0.002 dB
D Sampling Frequency of 10 kHz to 200 kHz
D System Clock: 128, 192, 256, 384, 512, or
768 fS With Auto Detect
D Accepts 16-, 20-, and 24-Bit Audio Data
D Data Formats: Standard, I2S, and
Left-Justified
D Digital De-Emphasis
D Soft Mute
D Zero Flags for Each Output
D Dual Supply Operation:
− 5 V for Analog
− 3.3 V for Digital
D 5-V Tolerant Digital Inputs
D Small 28-Lead SSOP Package
APPLICATIONS
D A/V Receivers
D DVD Movie Players
D SACD Player
D HDTV Receivers
D Car Audio Systems
D Digital Multi-Track Recorders
D Other Applications Requiring 24-Bit Audio
DESCRIPTION
The PCM1730 is a CMOS, monolithic integrated circuit
that includes stereo digital-to-analog converters and
support circuitry in a small 28-lead SSOP package. The
data converters utilize Texas Instruments’ advanced
segment DAC architecture to achieve excellent
dynamic performance and improved tolerance to clock
jitter. The PCM1730 provides balanced current outputs,
allowing the user to optimize analog performance
externally. Sampling rates up to 200 kHz are supported.
PACKAGE/ORDERING INFORMATION
PRODUCT
PACKAGE
PACKAGE
DRAWING
NUMBER
OPERATING
TEMPERATURE RANGE
PACKAGE
MARKING
ORDERING NUMBER†
PCM1730E
28-Lead SSOP
28DB
–25
°C to 85°C
PCM1730E
PCM1730E
PCM1730E
28-Lead SSOP
28DB
–25
°C to 85°C
PCM1730E
PCM1730E/2K
† Models with a slash (/) are available only in tape and reel in the quantities indicated (e.g., /2K indicates 2000
devices per reel). Ordering 2000 pieces of PCM1730E/2K will get a single 2000-piece tape and reel.
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
Copyright
 2001, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Similar Part No. - PCM1730E/2K

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM1730E/2K TI-PCM1730E/2K Datasheet
366Kb / 24P
24-BIT, 192-kHz SAMPLING ADVANCED SEGMENT, AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
More results

Similar Description - PCM1730E/2K

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM1730 TI-PCM1730 Datasheet
366Kb / 24P
24-BIT, 192-kHz SAMPLING ADVANCED SEGMENT, AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
DSD1791 TI-DSD1791 Datasheet
446Kb / 53P
24 BIT 192 KHZ SAMPLING ADVANCED SEGMENT AUDIO STEREO DIGITAL TO ANALOG CONVERTER
logo
Burr-Brown (TI)
DSD1792 BURR-BROWN-DSD1792 Datasheet
478Kb / 10P
24 bit 192 khz SAMPLING ADVANCED SEGMENT AUDIO STEREO DIGITAL TO ANALOG CONVERTER
logo
Texas Instruments
PCM1791A TI-PCM1791A Datasheet
490Kb / 58P
24-BIT, 192-kHz SAMPLING, ADVANCED SEGMENT, AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DSD1792A BURR-BROWN-DSD1792A Datasheet
440Kb / 55P
24-BIT, 192-KHZ SAMPLING, ADVANCED SEGMENT, AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
PCM1794A BURR-BROWN-PCM1794A Datasheet
294Kb / 30P
24-bit,192-khz sampling,advanced segment, audio stereo digital-to-analog converter
logo
Texas Instruments
DSD1794A TI-DSD1794A Datasheet
535Kb / 49P
24-BIT,192-kHz SAMPLING, ADVANCED SEGMENT, AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
PCM1796 BURR-BROWN-PCM1796_06 Datasheet
706Kb / 60P
24-BIT, 192-kHz SAMPLING, ADVANCED SEGMENT, AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DSD1791 TI1-DSD1791_08 Datasheet
654Kb / 56P
24 BIT 192 KHZ SAMPLING ADVANCED SEGMENT AUDIO STEREO DIGITAL TO ANALOG CONVERTER
DSD1793 TI1-DSD1793_08 Datasheet
604Kb / 50P
24 BIT 192 KHZ SAMPLING ADVANCED SEGMENT AUDIO STEREO DIGITAL TO ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com