Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM1741E/2K Datasheet(PDF) 15 Page - Texas Instruments

Part # PCM1741E/2K
Description  3.3V Single-Supply, 24-Bit, 96kHz Sampling Enhanced Multilevel, Delta-Sigma, Audio DIGITAL-TO-ANALOG CONVERTER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1741E/2K Datasheet(HTML) 15 Page - Texas Instruments

Back Button PCM1741E/2K Datasheet HTML 11Page - Texas Instruments PCM1741E/2K Datasheet HTML 12Page - Texas Instruments PCM1741E/2K Datasheet HTML 13Page - Texas Instruments PCM1741E/2K Datasheet HTML 14Page - Texas Instruments PCM1741E/2K Datasheet HTML 15Page - Texas Instruments PCM1741E/2K Datasheet HTML 16Page - Texas Instruments PCM1741E/2K Datasheet HTML 17Page - Texas Instruments PCM1741E/2K Datasheet HTML 18Page - Texas Instruments PCM1741E/2K Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
PCM1741
15
SBAS175
ANALOG OUTPUTS
The PCM1741 includes two independent output channels:
VOUTL and VOUTR. These are unbalanced outputs, each capable
of driving 2.05Vp-p typical into a 5k
Ω AC-coupled load. The
internal output amplifiers for VOUTL and VOUTR are biased to the
DC common-mode (or bipolar zero) voltage, equal to VCC/2.
The output amplifiers include an RC continuous-time filter that
helps to reduce the out-of-band noise energy present at the
DAC outputs, due to the noise shaping characteristics of the
PCM1741’s delta-sigma DACs. The frequency response of this
filter is shown in Figure 8. By itself, this filter is not enough to
attenuate the out-of-band noise to an acceptable level for many
applications, therefore, an external low-pass filter is required to
provide sufficient out-of-band noise rejection. Further discus-
sion of DAC post-filter circuits is provided in the Applications
Information section of this data sheet.
VCOM OUTPUT
One unbuffered common-mode voltage output pin, VCOM
(pin 10), is brought out for decoupling purposes. This pin is
FIGURE 8. Output Filter Frequency Response.
0.1
1
10
100
1K
10K
0
–10
–20
–30
–40
–50
–60
Frequency (kHz)
ANALOG FILTER PERFORMANCE
(100Hz-10MHz)
nominally biased to a DC voltage level equal to VCC/2. This
pin may be used to bias external circuits. Figure 9 shows an
example of using the VCOM pin for external biasing applica-
tions.
FIGURE 9. Biasing External Circuits Using the VCOM Pin.
R
1
R
3
R
2
C
1
C
2
V
CC
10
µF
(a) Using V
COM to Bias a Single-Supply Filter Stage
(b) Using a Voltage Follower to Buffer V
COM when Biasing Multiple Nodes
x = L or R
10
µF
Filtered
Output
OPA342
2
3
1
A
V = –1, where AV = –
R
2
R
1
V
OUTx
V
COM
V
COM
PCM1741
+
+
Buffered
V
COM
V
CC
+
1/2
OPA2342
10
µF
PCM1741



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com