Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM1741E/2K Datasheet(PDF) 2 Page - Texas Instruments

Part # PCM1741E/2K
Description  3.3V Single-Supply, 24-Bit, 96kHz Sampling Enhanced Multilevel, Delta-Sigma, Audio DIGITAL-TO-ANALOG CONVERTER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1741E/2K Datasheet(HTML) 2 Page - Texas Instruments

  PCM1741E/2K Datasheet HTML 1Page - Texas Instruments PCM1741E/2K Datasheet HTML 2Page - Texas Instruments PCM1741E/2K Datasheet HTML 3Page - Texas Instruments PCM1741E/2K Datasheet HTML 4Page - Texas Instruments PCM1741E/2K Datasheet HTML 5Page - Texas Instruments PCM1741E/2K Datasheet HTML 6Page - Texas Instruments PCM1741E/2K Datasheet HTML 7Page - Texas Instruments PCM1741E/2K Datasheet HTML 8Page - Texas Instruments PCM1741E/2K Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
PCM1741
2
SBAS175
SPECIFICATIONS
All specifications at TA = +25°C, VCC = 5.0V, VDD = 3.3V, fS = 44.1kHz, system clock = 384fS, and 24-bit data, unless otherwise noted.
PCM1741E
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
RESOLUTION
24
Bits
DATA FORMAT
Audio Data Interface Formats
Standard, I2S, Left-Justified
Audio Data Bit Length
16-, 18-, 20-, 24-Bits Selectable
Audio Data Format
MSB-First, Binary Two’s Complement
Sampling Frequency (fS)
5
100
kHz
System Clock Frequency
256, 384, 512, 768fS
DIGITAL INPUT/OUTPUT
Logic Family
TTL-Compatible
Input Logic Level
VIH
2.0
VDC
VIL
0.8
VDC
Input Logic Current
IIH(1)
VIN = VDD
10
µA
IIL(1)
VIN = 0V
–10
µA
IIH(2)
VIN = VDD
65
100
µA
IIL(2)
VIN = 0V
–10
µA
Output Logic Level
VOH(3)
IOH = –2mA
2.4
VDC
VOL(3)
IOL = +2mA
1.0
VDC
DYNAMIC PERFORMANCE(4)
PCM1741E
THD+N at VOUT = 0dB
fS = 44.1kHz
0.005
0.01
%
fS = 96kHz
0.007
%
THD+N at VOUT = –60dB
fS = 44.1kHz
1.6
%
fS = 96kHz
2.0
%
Dynamic Range
EIAJ, A-Weighted, fS = 44.1kHz
92
98
dB
A-Weighted, fS = 96kHz
96
dB
Signal-to-Noise Ratio
EIAJ, A-Weighted, fS = 44.1kHz
92
98
dB
A-Weighted, fS = 96kHz
96
dB
Channel Separation
fS = 44.1kHz
90
96
dB
fS = 96kHz
94
dB
Level Linearity Error
VOUT = –90dB
±0.5
dB
DC ACCURACY
Gain Error
±1.0
±6
% of FSR
Gain Mismatch, Channel-to-Channel
±1.0
±3
% of FSR
Bipolar Zero Error
VOUT = 0.5 VCC at Bipolar Zero
±30
±60
mV
ANALOG OUTPUT
Output Voltage
Full Scale (0dB)
62% of VCC
Vp-p
Center Voltage
50% of VCC
VDC
Load Impedance
AC Load
5
k
Ω
DIGITAL FILTER PERFORMANCE
Filter Characteristics 1, Sharp Roll-Off
Passband
±0.03dB
0.454fS
Passband
–3dB
0.487fS
Stopband
0.546fS
dB
Passband Ripple
±0.03
dB
Stopband Attenuation
Stopband = 0.546fS
–50
dB
Stopband Attenuation
Stopband = 0.567fS
–55
Filter Characteristics 2, Slow Roll-Off
Passband
±0.5dB
0.198fS
Passband
–3dB
0.390fS
Stopband
0.884fS
Passband Ripple
±0.5
dB
Stopband Attenuation
Stopband = 0.884fS
–40
dB
Delay Time
20/fS
sec
De-Emphasis Error
±0.1
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com