Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM1741E/2K Datasheet(PDF) 11 Page - Texas Instruments

Part # PCM1741E/2K
Description  3.3V Single-Supply, 24-Bit, 96kHz Sampling Enhanced Multilevel, Delta-Sigma, Audio DIGITAL-TO-ANALOG CONVERTER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1741E/2K Datasheet(HTML) 11 Page - Texas Instruments

Back Button PCM1741E/2K Datasheet HTML 7Page - Texas Instruments PCM1741E/2K Datasheet HTML 8Page - Texas Instruments PCM1741E/2K Datasheet HTML 9Page - Texas Instruments PCM1741E/2K Datasheet HTML 10Page - Texas Instruments PCM1741E/2K Datasheet HTML 11Page - Texas Instruments PCM1741E/2K Datasheet HTML 12Page - Texas Instruments PCM1741E/2K Datasheet HTML 13Page - Texas Instruments PCM1741E/2K Datasheet HTML 14Page - Texas Instruments PCM1741E/2K Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
PCM1741
11
SBAS175
MODE CONTROL REGISTERS
User-Programmable Mode Controls
The PCM1741 includes a number of user-programmable
functions that are accessed via control registers. The regis-
ters are programmed using the Serial Control Interface that
was previously discussed in the “Serial Control Interface”
section of this data sheet. Table II lists the available mode
control functions, along with their reset default conditions
and associated register index.
Register Map
The mode control register map is shown in Table III. Each
register includes an index (or address) indicated by the
IDX[6:0] bits.
FUNCTION
RESET DEFAULT
CONTROL REGISTER
INDEX, IDX[6:0]
Digital Attenuation Control, 0dB to –63dB in 0.5dB Steps
0dB, No Attenuation
16 and 17
AT1[7:0], AT2[7:0]
Soft Mute Control
Mute Disabled
18
MUT[2:0]
Oversampling Rate Control (64 or 128fS)
64fS Oversampling
18
OVER
DAC Operation Control
DAC1 and DAC2 Enabled
19
DAC[2:1]
De-Emphasis Function Control
De-Emphasis Disabled
19
DM12
De-Emphasis Sample Rate Selection
44.1kHz
19
DMF[1:0]
Audio Data Format Control
24-Bit Left Justified
20
FMT[2:0]
Digital Filter Roll-Off Control
Sharp Roll-Off
20
FLT
Zero Flag Function Select
L-/R-Channel Independent
22
AZRO
Output Phase Select
Normal Phase
22
DREV
Zero Flag Polarity Select
High
22
ZREV
TABLE II. User-Programmable Mode Controls.
TABLE III. Mode Control Register Map.
IDX
(B8-B14)
REGISTER
B15
B14
B13
B12
B11
B10
B9
B8
B7
B6
B5
B4
B3
B2
B1
B0
10H
16
0
IDX6
IDX5
IDX4
IDX3
IDX2
IDX1
IDX0
AT17
AT16
AT15
AT14
AT13
AT12
AT11
AT10
11H
17
0
IDX6
IDX5
IDX4
IDX3
IDX2
IDX1
IDX0
AT27
AT26
AT25
AT24
AT23
AT22
AT21
AT20
12H
18
0
IDX6
IDX5
IDX4
IDX3
IDX2
IDX1
IDX0
RSV(1)
OVER RSV(1)
RSV(1) RSV(1) RSV(1)
MUT2
MUT1
13H
19
0
IDX6
IDX5
IDX4
IDX3
IDX2
IDX1
IDX0
RSV(1)
DMF1
DMF0
DM12 RSV(1) RSV(1)
DAC2
DAC1
14H
20
0
IDX6
IDX5
IDX4
IDX3
IDX2
IDX1
IDX0
RSV(1)
RSV(1)
FLT
RSV(1) RSV(1)
FMT2
FMT1
FMT0
15H
21
0
IDX6
IDX5
IDX4
IDX3
IDX2
IDX1
IDX0
RSV(1)
RSV(1) RSV(1)
RSV(1) RSV(1) RSV(1)
RSV(1)
RSV(1)
16H
22
0
IDX6
IDX5
IDX4
IDX3
IDX2
IDX1
IDX0
RSV(1)
RSV(1) RSV(1)
RSV(1) RSV(1) AZRO
ZREV
DREV
NOTE: (1) RSV = Reserved for test operation. It should be set to “0” when in regular operation.
SYMBOL
PARAMETER
MIN
TYP
MAX
UNITS
tMCY
MC Pulse Cycle Time
100
ns
tMCL
MC Low Level Time
50
ns
tMCH
MC High Level Time
50
ns
tMHH
ML High Level Time
Note (2)
ns
tMLS
ML Falling Edge to MC Rising Edge
20
ns
tMLH
ML Hold Time(1)
20
ns
tMDH
MD Hold Time
15
ns
tMDS
MD Set Up Time
20
ns
NOTES: (1) MC rising edge for LSB to ML rising edge. (2)
3
256
• f
S
sec (min), fS = Sampling Rate.
FIGURE 7. Control Interface Timing.
50% of V
DD
50% of V
DD
50% of V
DD
ML
MC
MD
t
MLS
t
MCH
t
MCY
t
MDS
t
MCH
t
MCL
t
MHH
t
MLH
LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com