Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM1740E/2K.B Datasheet(PDF) 5 Page - Texas Instruments

Part # PCM1740E/2K.B
Description  Stereo Audio DIGITAL-TO-ANALOG CONVERTER with VCXO and PLL
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1740E/2K.B Datasheet(HTML) 5 Page - Texas Instruments

  PCM1740E/2K.B Datasheet HTML 1Page - Texas Instruments PCM1740E/2K.B Datasheet HTML 2Page - Texas Instruments PCM1740E/2K.B Datasheet HTML 3Page - Texas Instruments PCM1740E/2K.B Datasheet HTML 4Page - Texas Instruments PCM1740E/2K.B Datasheet HTML 5Page - Texas Instruments PCM1740E/2K.B Datasheet HTML 6Page - Texas Instruments PCM1740E/2K.B Datasheet HTML 7Page - Texas Instruments PCM1740E/2K.B Datasheet HTML 8Page - Texas Instruments PCM1740E/2K.B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
PCM1740
5
SBAS128B
www.ti.com
TYPICAL CHARACTERISTICS
At TA = +25°C, VCC = VDD = +5V, fS = 44.1kHz, fSCKO = 384fS = 16.9344MHz, and 16-bit data, unless otherwise noted.
FREQUENCY RESPONSE
(De-emphasis OFF, f
S = 44.1kHz)
f
S
0
–20
–40
–60
–80
–100
0
123
4
PASSBAND RIPPLE
(De-emphasis OFF, f
S = 44.1kHz)
f
S
0
–0.2
–0.4
–0.6
–0.8
–1
0
0.2
0.1
0.3
0.4
0.5
DE-EMPHASIS FREQUENCY RESPONSE (3kHz)
0
5k
10k
15k
20k
25k
Frequency (Hz)
0
–2
–4
–6
–8
–10
–12
DE-EMPHASIS FREQUENCY RESPONSE (44.1kHz)
0
5k
10k
15k
20k
25k
Frequency (Hz)
0
–2
–4
–6
–8
–10
–12
DE-EMPHASIS FREQUENCY RESPONSE (48kHz)
0
5k
10k
15k
20k
25k
Frequency (Hz)
0
–2
–4
–6
–8
–10
–12
DE-EMPHASIS ERROR (3kHz)
0
3628
7256
10884
14512
0
4999.8375
9999.675
14999.5125
19999.35
0
5442
10884
16326
21768
Frequency (Hz)
0.6
0.4
0.2
0
–0.2
–0.4
–0.6
0.6
0.4
0.2
0
–0.2
–0.4
–0.6
0.6
0.4
0.2
0
–0.2
–0.4
–0.6
DE-EMPHASIS ERROR (44.1kHz)
Frequency (Hz)
DE-EMPHASIS ERROR (48kHz)
Frequency (Hz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com