Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM1740E/2K.B Datasheet(PDF) 1 Page - Texas Instruments

Part # PCM1740E/2K.B
Description  Stereo Audio DIGITAL-TO-ANALOG CONVERTER with VCXO and PLL
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1740E/2K.B Datasheet(HTML) 1 Page - Texas Instruments

  PCM1740E/2K.B Datasheet HTML 1Page - Texas Instruments PCM1740E/2K.B Datasheet HTML 2Page - Texas Instruments PCM1740E/2K.B Datasheet HTML 3Page - Texas Instruments PCM1740E/2K.B Datasheet HTML 4Page - Texas Instruments PCM1740E/2K.B Datasheet HTML 5Page - Texas Instruments PCM1740E/2K.B Datasheet HTML 6Page - Texas Instruments PCM1740E/2K.B Datasheet HTML 7Page - Texas Instruments PCM1740E/2K.B Datasheet HTML 8Page - Texas Instruments PCM1740E/2K.B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
Stereo Audio
DIGITAL-TO-ANALOG CONVERTER
with VCXO and PLL
PCM1740
FEATURES
q COMPLETE DELTA-SIGMA STEREO DAC
q VOLTAGE-CONTROLLED CRYSTAL OSCILLATOR:
27MHz
±150ppm Output with 0V to 3V Input
q PROGRAMMABLE PLL
256fS or 384fS Audio System Clock Output
q DYNAMIC PERFORMANCE:
Dynamic Range: 94dB
SNR: 94dB
THD+N: –89dB
q SAMPLING FREQUENCIES:
16kHz, 22.05kHz, 24kHz
32kHz, 44.1kHz, 48kHz
64kHz, 88.2kHz, 96kHz
q SERIAL AUDIO INTERFACE:
Standard or I2S™ Data Formats
16-, 20-, or 24-Bit Data
q I2C-BUS™ INTERFACE FOR CONTROL
REGISTERS:
Slave Receiver Operation
7-Bit Addressing
Standard Transfer Rate (up to 100kbps)
q PROGRAMMABLE CONTROLS:
Digital Attenuation (256 steps)
Soft Mute
Infinite Zero Detect Mute
De-Emphasis (32kHz, 44.1kHz, 48kHz)
DAC Output Mode
q SINGLE +5V SUPPLY
q SMALL SSOP-24 PACKAGE
TM
DESCRIPTION
The PCM1740 is a complete stereo audio digital-to-
analog converter with on-chip PLL and VCXO. The
PCM1740 is designed specifically for set-top box applica-
tions requiring high-quality audio playback, a precision
tuned 27MHz master clock source, and support for mul-
tiple audio-sampling frequencies.
The stereo digital-to-analog converter (DAC) uses multi-
bit, delta-sigma architecture, which includes an 8x inter-
polation filter, 3rd-order noise shaping, 5-level amplitude
quantization, and an analog low-pass filter. The PCM1740
includes a number of user-programmable functions, which
are accessed via a standard I2C-Bus interface.
APPLICATIONS
q SET-TOP BOXES
q DIGITAL BROADCAST RECEIVERS
PCM
1740
PCM
Audio
I/F
I2C
I/F
and
REGs
VCXO
SCL
SDA
AD1
AD0
XTUN
XT1
XT2
RST
27MHz
Crystal
8x
Oversampling
Digital Filter
and
Sub-Functions
Process
DAC
(R)
Counter N
V
OUTL
V
COM
ZERO
SCKO
(256f
S / 384fS)
MCKO
(27MHz)
V
OUTR
Counter M
Power Supply
Reset
BCK
LRCK
DATA
Phase
Detector
V
PP
AGND
DGND
V
CC
V
DD
PGND
DAC
(L)
Low-Pass
Filter
and Amp
LPF
VCO
SBAS128B – JANUARY 2000 – REVISED MAY 2007
www.ti.com
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright © 2000-2007, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
SoundPLUS is a trademark of Texas Instruments.
I2C-Bus, I2C, and I2S are trademarks of NXP B.V.
All other trademarks are the property of their respective owners.


Similar Part No. - PCM1740E/2K.B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM1740E/2K TI1-PCM1740E/2K Datasheet
536Kb / 25P
DIGITAL-TO-ANALOG CONVERTER
PCM1740E/2KG4 TI1-PCM1740E/2KG4 Datasheet
536Kb / 25P
DIGITAL-TO-ANALOG CONVERTER
More results

Similar Description - PCM1740E/2K.B

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PCM1710U BURR-BROWN-PCM1710U Datasheet
192Kb / 17P
Stereo Audio DIGITAL-TO-ANALOG CONVERTER
PCM1723 BURR-BROWN-PCM1723 Datasheet
218Kb / 15P
Stereo Audio DIGITAL-TO-ANALOG CONVERTER WITH PROGRAMMABLE PLL
PCM1727 BURR-BROWN-PCM1727 Datasheet
220Kb / 15P
Stereo Audio DIGITAL-TO-ANALOG CONVERTER WITH PROGRAMMABLE DUAL PLL TM
PCM1740 BURR-BROWN-PCM1740 Datasheet
359Kb / 20P
Stereo Audio DIGITAL-TO-ANALOG CONVERTER with VCXO and PLL
logo
Texas Instruments
PCM1794A TI1-PCM1794A Datasheet
995Kb / 34P
Audio Stereo Digital-to-Analog Converter
PCM1795 TI1-PCM1795 Datasheet
1Mb / 63P
Stereo Audio Digital-to-Analog Converter
PCM1738 TI1-PCM1738_15 Datasheet
709Kb / 47P
Audio-Stereo Digital-to-Analog Converter
PCM1791A TI1-PCM1791A_09 Datasheet
694Kb / 61P
AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
PCM1793 TI1-PCM1793_08 Datasheet
454Kb / 29P
AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
PCM1794 TI1-PCM1794_09 Datasheet
429Kb / 30P
AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com