Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM1740E/2K.B Datasheet(PDF) 6 Page - Texas Instruments

Part # PCM1740E/2K.B
Description  Stereo Audio DIGITAL-TO-ANALOG CONVERTER with VCXO and PLL
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1740E/2K.B Datasheet(HTML) 6 Page - Texas Instruments

Back Button PCM1740E/2K.B Datasheet HTML 2Page - Texas Instruments PCM1740E/2K.B Datasheet HTML 3Page - Texas Instruments PCM1740E/2K.B Datasheet HTML 4Page - Texas Instruments PCM1740E/2K.B Datasheet HTML 5Page - Texas Instruments PCM1740E/2K.B Datasheet HTML 6Page - Texas Instruments PCM1740E/2K.B Datasheet HTML 7Page - Texas Instruments PCM1740E/2K.B Datasheet HTML 8Page - Texas Instruments PCM1740E/2K.B Datasheet HTML 9Page - Texas Instruments PCM1740E/2K.B Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
PCM1740
6
SBAS128B
www.ti.com
TYPICAL CHARACTERISTICS (Cont.)
At TA = +25°C, VCC = VDD = +5V, fS = 44.1kHz, FSCKO = 384fS = 16.9344MHz, and 16-bit data, unless otherwise noted.
ANALOG FILTER
(1Hz to 10MHz)
Log Frequency (Hz)
20
0
–20
–40
–60
–80
–100
0
0.2
0.1
0.1
0.3
0.4
0.4
0.5
ANALOG FILTER
(1Hz to 20kHz)
Log Frequency (Hz)
0.05
0
–0.05
–0.1
–0.15
110
1k
100
10k
100k
SUPPLY CURRENT vs SAMPLING FREQUENCY
Sampling Frequency (kHz)
35
30
25
20
32
64
88.2
44.1
48
96.0
THD+N (FS), DYNAMIC RANGE, and SNR
vs SUPPLY VOLTAGE
(Temperature = 25
°C, 384f
S, fS = 44.1kHz)
Supply Voltage (V)
0.005
0.004
0.003
0.002
0.001
0.000
95
94
93
92
91
90
4.25
4.5
5.25
4.75
5
5.5
5.75
SNR
THD+N
Dynamic Range
THD+N (FS), DYNAMIC RANGE, and SNR
vs TEMPERATURE
(V
CC = VDD = VPP = 5V, 384fS, fS = 44.1kHz)
Temperature (
°C)
0.005
0.004
0.003
0.002
0.001
0.000
95
94
93
92
91
90
–50
–25
50
0
25
75
100
SNR
THD+N
Dynamic Range
THD+N (FS), DYNAMIC RANGE, and SNR
vs SAMPLING FREQUENCY
Sampling Frequency (kHz)
0.010
0.008
0.006
0.004
0.002
0.000
96
94
92
90
88
86
32
64
88.2
44.1
48
96.0
SNR
THD+N
Dynamic Range



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com